Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SB1402 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB1402
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1402 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB1402 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1402 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1402
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -25mA; RBE= ∞
-120
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= -0.1mA; IE= 0
-120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -50mA; IC= 0
-7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -1.5A; IB= -3mA
B
-1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -3A; IB= -30mA
B
-3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -1.5A; IB= -3mA
B
-2.0
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -3A; IB= -30mA
B
-3.5
V
ICBO
Collector Cutoff Current
VCB= -100V; IE= 0
-10
μA
ICEO
Collector Cutoff Current
VCE= -100V; RBE= ∞
-10
μA
hFE
DC Current Gain
IC= -1.5A; VCE= -3V
1000
20000
VECF
C-E Diode Forward Voltage
IF= 3A
3.0
V
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com