Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SB1402 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SB1402
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1402 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB1402 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1402 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
2SB1402
DESCRIPTION
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO= -120V(Min)
·High DC Current Gain-
: hFE= 1000(Min)@ (VCE= -3V, IC= -1.5A)
APPLICATIONS
·Designed for low frequency power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-120
V
VCEO
Collector-Emitter Voltage
-120
V
VEBO
Emitter-Base Voltage
-7
V
IC
Collector Current-Continuous
-3
A
ICM
Collector Current-Peak
-6
A
Collector Power Dissipation
@Ta=25℃
2
PC
Collector Power Dissipation
@TC=25℃
25
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
isc Website:www.iscsemi.cn


Similar Part No. - 2SB1402

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SB1402 SAVANTIC-2SB1402 Datasheet
129Kb / 3P
Silicon PNP Power Transistors
2SB1402 SAVANTIC-2SB1402 Datasheet
130Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SB1402 NJSEMI-2SB1402 Datasheet
128Kb / 2P
Silicon PNP Darlington Power Transistor
More results

Similar Description - 2SB1402

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com