Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S50VB60 Datasheet(PDF) 5 Page - Shindengen Electric Mfg.Co.Ltd

Part # S50VB60
Description  Bridge Diode(600V 50A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S50VB60 Datasheet(HTML) 5 Page - Shindengen Electric Mfg.Co.Ltd

  S50VB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S50VB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S50VB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S50VB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S50VB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Peak Surge Forward Capability
0
100
200
300
400
500
600
700
1
10
100
S50VBx
2
5
20
50
10ms 10ms
1 cycle
Number of Cycles [cycles]
non-repetitive,
sine wave,
Tj=25
°C before
surge current is applied



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com