Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S50VB60 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # S50VB60
Description  Bridge Diode(600V 50A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

S50VB60 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  S50VB60 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd S50VB60 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd S50VB60 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd S50VB60 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd S50VB60 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
600V 50A
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
Bridge Diode
OUTLINE DIMENSIONS
RATINGS
Square In-line Package
SHINDENGEN
Unit : mm
Case : S50VB
S50VB60
● Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-40~150
℃
Operating Junction Temperature
Tj
150
℃
Maximum Reverse Voltage
VRM
600
V
Average Rectified Forward Current
IO
50Hz sine wave, R-load, With heatsink, Tc=95℃
50
A
Peak Surge Forward Current
IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25℃
500
A
Current Squared Time
I
2t
1ms≦t<10ms Tc=25℃
800
A
2s
Dielectric Strength
Vdis Terminals to case, AC 1 minute
2
kV
Mounting Torque
TOR (Recommended torque : 0.6N・m)
0.8
N・m
● Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Forward Voltage
VF
IF=25A,
Pulse measurement, Rating of per diode
Max.1.05
V
Reverse Current
IR
VR=VRM,
Pulse measurement, Rating of per diode
Max.10
μA
Thermal Resistance
θjc junction to case  
Max.0.5 ℃/W


Similar Part No. - S50VB60

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
S50VB60 KINGTRONICS-S50VB60 Datasheet
363Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 50 Ampere
logo
Suntan Capacitors
S50VB60 SUNTAN-S50VB60 Datasheet
243Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shindengen Electric Mfg...
S50VB60 SHINDENGEN-S50VB60_17 Datasheet
421Kb / 4P
Bridge Diode
More results

Similar Description - S50VB60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S50VB80 SHINDENGEN-S50VB80 Datasheet
302Kb / 5P
Bridge Diode(800V 50A)
logo
Fairchild Semiconductor
RHRG5060 FAIRCHILD-RHRG5060 Datasheet
348Kb / 5P
50A, 600V Hyperfast Diode
RURG5060 FAIRCHILD-RURG5060 Datasheet
329Kb / 4P
50A, 600V Ultrafast Diode
logo
Intersil Corporation
RHRG5060 INTERSIL-RHRG5060 Datasheet
48Kb / 4P
50A, 600V Hyperfast Diode
January 2000
RURG5060 INTERSIL-RURG5060 Datasheet
32Kb / 3P
50A, 600V Ultrafast Diode
January 2000
RURU5060 INTERSIL-RURU5060 Datasheet
31Kb / 3P
50A, 600V Ultrafast Diode
January 2000
logo
Fairchild Semiconductor
FFH50US60S FAIRCHILD-FFH50US60S Datasheet
126Kb / 6P
50A, 600V Stealth??Diode
logo
Nihon Inter Electronics...
PBMB50E6 NIEC-PBMB50E6 Datasheet
265Kb / 4P
IGBT Module-H Bridge 50A, 600V
logo
Renesas Technology Corp
RJU60C6TDPP-AJ RENESAS-RJU60C6TDPP-AJ Datasheet
109Kb / 5P
600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
RJU65F23DWA RENESAS-RJU65F23DWA Datasheet
88Kb / 5P
600V - 50A - Single Diode Fast Recovery Diode
Sep.07.2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com