Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS16V Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS16V
Description  0.3A , 100V Plastic-Encapsulated Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS16V Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS16V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS16V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16V
0.3A , 100V
Plastic-Encapsulated Transistors
Elektronische Bauelemente
21-Jul-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
E
F
J
B
C
D
G
A
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Fast switching speed
For General Purpose Switching Applications
High Conductance
MARKING
KAM
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-563
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Non-Repetitive Peak reverse voltage
VRM
100
V
Maximum Repetitive Peak Reverse Voltage
VRRM
75
V
Working Peak Reverse Voltage
VRWM
75
V
Maximum DC Blocking Voltage
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Peak forward Continuous current
IFM
300
mA
Maximum Average Forward Rectified Current
IF(AV)
200
mA
Peak Forward Surge Current 8.3 ms Single Half
Sine-Wave Super Imposed on Rated Load (JEDEC
Method)
t=1.0µs
IFSM
2.0
A
t=1.0s
1.0
Power dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
833
K / W
Operating Junction and storage temperature range
TJ,TSTG
150,-65~150
°C
SOT-563


Similar Part No. - BAS16V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16V DIODES-BAS16V Datasheet
77Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
30447 Rev. 3 - 2
BAS16V DIODES-BAS16V Datasheet
213Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30447 Rev. 5 - 2
logo
Micro Commercial Compon...
BAS16V MCC-BAS16V Datasheet
298Kb / 3P
150mW Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAS16V HTSEMI-BAS16V Datasheet
783Kb / 2P
SWITCHING DIODE
logo
WILLAS ELECTRONIC CORP
BAS16V WILLAS-BAS16V Datasheet
319Kb / 2P
SOT-563 Plastic-Encapsulate Diodes
More results

Similar Description - BAS16V

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
Plastic-Encapsulated Transistors
logo
SeCoS Halbleitertechnol...
SCS914DSTL SECOS-SCS914DSTL Datasheet
138Kb / 2P
0.3A , 100V Plastic-Encapsulated Switching Diode
2SC2878A SECOS-2SC2878A Datasheet
288Kb / 2P
0.3A, 50V NPN Plastic Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com