Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS16V Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS16V
Description  0.3A , 100V Plastic-Encapsulated Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS16V Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAS16V Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS16V Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS16V
0.3A , 100V
Plastic-Encapsulated Transistors
Elektronische Bauelemente
21-Jul-2011 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
75
-
-
V
IR=100µA
Forward Voltage
VF1
-
-
0.715
V
IF=1mA
VF2
-
-
0.855
IF=10mA
VF3
-
-
1
IF=50mA
VF4
-
-
1.25
IF=150mA
Reverse Voltage Leakage Current
IR1
-
-
1
µA
VR=75V
IR2
-
-
0.025
VR=20V
Diode Capacitance
CD
-
-
2.0
pF
VR=0 , f=1MHz
Reverse Recovery Time
TRR
-
-
4.0
nS
IF=IR=10mA,
IRR=0.1 x IR, RL=100
RATINGS AND CHARACTERISTIC CURVES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com