Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSL2101 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSL2101
Description  Dimmable GreenChip driver for LED lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL2101 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSL2101 Datasheet HTML 2Page - NXP Semiconductors SSL2101 Datasheet HTML 3Page - NXP Semiconductors SSL2101 Datasheet HTML 4Page - NXP Semiconductors SSL2101 Datasheet HTML 5Page - NXP Semiconductors SSL2101 Datasheet HTML 6Page - NXP Semiconductors SSL2101 Datasheet HTML 7Page - NXP Semiconductors SSL2101 Datasheet HTML 8Page - NXP Semiconductors SSL2101 Datasheet HTML 9Page - NXP Semiconductors SSL2101 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SSL2101
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4.1 — 5 December 2011
6 of 23
NXP Semiconductors
SSL2101
Dimmable Greenchip driver for LED lighting
A typical RC waveform is given in Figure 4. The RC switch-over threshold is controlled by
the BRIGHTNESS pin.
To ensure that the capacitor can be charged within the charge time, the value of the
oscillator capacitor should be limited to 1 nF. Due to leakage current, the value of the
resistor connected between the RC pin and the ground should be limited to a maximum of
220 k
.
8.3 Duty factor control
The duty factor is controlled by an internally regulated voltage and the oscillator signal on
pin RC. The internal regulation voltage is set by the voltage on the PWMLIMIT pin.
A low PWMLIMIT voltage will results in a low on-time for the internal power switch. The
minimum duty factor of the switched mode power supply can be set to 0 %. The maximum
duty factor is set to 75 %.
Fig 3.
Brightness control block
Fig 4.
Brightness timing waveform
STARplug
OSCILLATOR
24
μA
5 V
rc_threshold
Comparator
R2
10 k
Ω
R1
220 k
Ω
C1
330 pF
BRIGHTNESS
RC
RC2
V
V
014aaa574
time
014aaa582
rc_threshhold
75 mV
RC voltage
Voltage
(mV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com