Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSL2101 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL2101
Description  Dimmable GreenChip driver for LED lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL2101 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL2101 Datasheet HTML 6Page - NXP Semiconductors SSL2101 Datasheet HTML 7Page - NXP Semiconductors SSL2101 Datasheet HTML 8Page - NXP Semiconductors SSL2101 Datasheet HTML 9Page - NXP Semiconductors SSL2101 Datasheet HTML 10Page - NXP Semiconductors SSL2101 Datasheet HTML 11Page - NXP Semiconductors SSL2101 Datasheet HTML 12Page - NXP Semiconductors SSL2101 Datasheet HTML 13Page - NXP Semiconductors SSL2101 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SSL2101
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4.1 — 5 December 2011
10 of 23
NXP Semiconductors
SSL2101
Dimmable Greenchip driver for LED lighting
9.
Limiting values
Table 4:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). All voltages are measured
with respect to ground; positive currents flow into the device; pins VCC and RC cannot be current
driven. Pins ISENSE and AUX cannot be voltage driven.
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
continuous
0.4
+40
V
VRC
voltage on pin RC
0.4
+3
V
VRC2
voltage on pin RC2
0.4
+3
V
VBRIGHTNESS voltage on pin BRIGHTNESS
0.4
+5
V
VPWMLIMIT
voltage on pin PWMLIMIT
0.4
+5
V
VSOURCE
voltage on pin SOURCE
0.4
+5
V
VDRAIN
voltage on pin DRAIN
DMOS power
transistor;
Tamb =25 C
0.4
+600
V
VSBLEED
voltage on pin SBLEED
off-state;
Tj = 125 C
0.4
+600
V
on-state;
VVCC >8.5 V;
Tj < 125 C
0.4
+16
V
VWBLEED
voltage on pin WBLEED
off-state;
Tj < 125 C
0.4
+600
V
on-state;
VVCC >8.5 V;
Tj < 125 C
0.4
+12
V
Currents
IISENSE
current on pin ISENSE
20
+5
mA
IAUX
current on pin AUX
10
+5
mA
ISOURCE
current on pin SOURCE
2+2
A
IDRAIN
current on pin DRAIN
2+2
A
General
Ptot
total power dissipation
Tamb =70 C-
1
W
Tstg
storage temperature
55
+150
C
Tamb
ambient temperature
40
+100
C
Tj
junction temperature
40
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com