Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT7718S Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7718S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718S Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7718S Datasheet HTML 1Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 2Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 3Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 4Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 5Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 6Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 7Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 8Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Rev. 1.00
5
February 22, 2012
HT77xxS
Functional Description
TheHT77xxSisaconstantontimesynchronousstep-up
converter,whichusesapulsefrequencymodulation
(PFM)controllerscheme.ThePFMcontrolschemeis
inherentlystable.Therequiredinput/outputcapacitor
andinductorselectionswillnotcreatesituationsof
instability.
Thedeviceincludesafullyintegratedsynchronous
rectifierwhichreducescosts(includesreduceLandC
sizes,eliminatesSchottkydiodecostetc.)andboard
area.Atrueloaddisconnectfunctionensuresthatthe
deviceiscompletelyshutdown.
Low Voltage Start-up
Thedeviceshaveaverylowstartupvoltagedownto
0.7V.Whenpowerisfirstapplied,thesynchronous
switchwillbeinitiallyoffbutenergywillbetrans-
ferredtotheloadthroughitsintrinsicbodydiode.
Shutdown
Duringnormaldeviceoperation,theENpinshouldbe
eitherhighorconnectedtotheVOUTpinortheVIN
powersource.Whenthedeviceisintheshutdown
mode,thatiswhentheENpinispulledlow,theinter-
nalcircuitrywillbeswitchedoff.Duringshutdown,
thePMOSpowertransistorwillbeswitchedoffthus
placingtheoutputintoafloatingcondition.
Synchronous Rectification
AdeadtimeexistsbetweentheNchannelandPchan-
nelMOSFETswitchingoperations.Insynchronous
rectification,thePchannelisreplacedbyaSchottky
diode.HerethePchannelswitchmustbecompletely
offbeforetheNchannelswitchisswitchedon.After
eachcycle,a30nsdelaytimeisinsertedtoensurethe
NchannelswitchiscompletelyoffbeforethePchannel
switchisswitchedontomaintainahighefficiency
overawideinputvoltageandoutputpowerrange.
Application Information
Inductor Selection
Selectingasuitableinductorisanimportantconsider-
ationasitisusuallyacompromisesituationbetween
theoutputcurrentrequirements,theinductorsaturation
limitandtheacceptableoutputvoltageripple.Lower
valuesofinductorvaluescanprovidehigheroutput
currentsbutwillsufferfromhigherripplevoltages
andreducedefficiencies.Higherinductorvaluescan
providereducedoutputripplevoltagesandbetter
efficiencies,butwillbelimitedintheiroutputcurrent
capabilities.Forallinductorsitmustbenotedhowever
thatlowercorelossesandlowerDCresistancevalues
willalwaysprovidehigherefficiencies.
Thepeakinductorcurrentcanbecalculatedusingthe
followingequation:
L
V
V
V
V
V
I
V
I
OUT
IN
OUT
IN
IN
O
OUT
PEAK
L
×
×
×
+
×
×
=
2
)
(
)
(
η
Where
VIN=InputVoltage
VOUT=OutputVoltage
IO=OutputCurrent
η=Efficiency
L=Inductor
Capacitor Selection
Astheoutputcapacitorselectedaffectsbothefficien-
cyandoutputripplevoltage,itmustbechosenwith
caretoachievebestresultsfromtheconverter.Output
voltagerippleistheproductofthepeakinductorcurrent
andtheoutputcapacitorequivalentseriesresistance
orESRforshort.ItisimportantthatlowESRvalue
capacitorsareusedtoachieveoptimumperformance.
OnemethodtoachievelowESRvaluesistoconnect
twoormorefiltercapacitorsinparallel.Thecapacitors
valuesandratedvoltagesareonlysuggestedvalues.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com