Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT7718S Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7718S
Description  100mA PFM Synchronous Step-up DC/DC Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718S Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7718S Datasheet HTML 1Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 2Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 3Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 4Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 5Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 6Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 7Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 8Page - Holtek Semiconductor Inc HT7718S Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Rev. 1.00
3
February 22, 2012
HT77xxS
Electrical Characteristics
Ta= 25°C; VIN= VOUT×0.6; IOUT= 10mA; unless otherwise specified
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
6.0
V
ΔVOUT
Output Voltage Tolerance
-2.5
+2.5
%
VSTART
Starting Voltage
VIN: 0 to 2V, IOUT= 1mA
0.7
0.9
V
VHOLD
Voltage Hold
VIN: 2 to 0V, IOUT= 1mA
0.7
V
IDD
Supply Current
VS= VOUT+0.5V, Measured at VOUT
Pin
4
7
μA
ISHDN
Shutdown Current
CE= GND
0.1
1.0
μA
VIH
CE High Threshold
1.5
V
VIL
CE Low Threshold
0.4
V
ILEAK
LX Leakage Current
VS= 5.5V, VX= 4V
Measurement at the LX pin
0.05
1
μA
FOSC
Oscillator Frequency
VS= VOUT×0.95
Measurement at the LX pin
500
kHz
DOSC
Oscillator Duty Cycle
70
80
%
η
Efficiency
1.8V≤ VOUT≤ 2.2V
80
%
2.7V≤ VOUT≤ 5.0V
85
%
Note:Absolutemaximumratingsindicatelimitsbeyondwhichdamagetothedevicemayoccur.Operating
Ratingsindicateconditionsforwhichthedeviceisintendedtobefunctional,butdonotguaranteespecific
performancelimits.Theguaranteedspecificationsapplyonlyforthetestconditionslisted.
MaximumInputSupplyVoltage.......................... 6.5V
AmbientTemperatureRange............... -40°Cto85°C
StorageTemperature.......................... -50°Cto125°C
Note:Thesearestressratingsonly.Stressesexceedingtherangespecifiedunder"AbsoluteMaximumRatings"
maycausesubstantialdamagetothedevice.Functionaloperationofthisdeviceatotherconditionsbeyond
thoselistedinthespecificationisnotimpliedandprolongedexposuretoextremeconditionsmayaffect
devicereliability.
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com