Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2551 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2551
Description  USB Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2551_08 Datasheet HTML 3Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 4Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 5Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 6Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 7Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 8Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 9Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 10Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
November 2008
7
M9999-112008
MIC2551
Micrel, Inc.
Functional Description
The MIC2551 is designed to provide USB connectivity in
mobile systems where available system supply voltages are
not able to satisfy USB requirements. The MIC2551 can
operate down to supply voltages of 1.6V and still meet USB
physical layer specifications. As shown in the circuit above,
the MIC2551 takes advantage of the USB supply voltage,
V
BUS, to operate the transceiver. The system voltage, VIF, is
used to set the reference voltage used by the digital I/O lines
interfacing to the system controller. Internal circuitry provides
translation between the USB and system voltage domains.
V
IF will typically be the main supply voltage rail for the
controller.
Functional Diagram
To Internal
Circuitry
VBUS
VTERM
VPU
D+
D–
LDO
Regulator
VIF
CON
SPD
OE#
RCV
VP
VM
SUS
GND
MIC2551 Block Diagram
In addition, a 3.3V, 10% termination supply voltage, V
PU, is
provided to support speed selection. V
PU can be disabled or
enabled under software control via the CON input. This
allows for software-controlled connect or disconnect states.
A 1.5k resistor is required to be connected between this pin
and the D+ or D– lines to respectively specify high speed or
low speed operation.
The use of ESD transient protection devices is not required
for operation, but is recommended. The MIC2551 is ESD
rated for 11kV at the VBUS and D+, D– pins and 2kV for all
other pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com