Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2551 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2551
Description  USB Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2551 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2551_08 Datasheet HTML 3Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 4Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 5Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 6Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 7Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 8Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 9Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 10Page - Micrel Semiconductor MIC2551_08 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MIC2551
Micrel, Inc.
M9999-112008
10
November 2008
Package Information
1.10 MAX (0.043)
0.15 (0.006)
0.05 (0.002)
1.00 (0.039) REF
0.65 BSC
(0.026)
6.4 BSC (0.252)
5.10 (0.200)
4.90 (0.193)
0.20 (0.008)
0.09 (0.003)
0.70 (0.028)
0.50 (0.020)
DIMENSIONS:
MM (INCH)
4.50 (0.177)
4.30 (0.169)
0.30 (0.012)
0.19 (0.007)
14-lead TSSOP (TS)
3.00BSC
2.75BSC
0.50 DIA
3.00BSC
12° max
SEATING
PLANE
2.75BSC
16
1
1
2
3
4
N
2
3
4
0.85
+0.15
–0.65
0.65
+0.15
–0.65
0.01
+0.04
–0.01
0.23
+0.07
–0.05
0.01
+0.04
–0.01
0.42
+0.18
–0.18
0.42
+0.18
–0.18
0.23
+0.07
–0.05
1.60
+0.10
–0.10
PIN 1 ID
0.5 BSC
1.5 REF
0.42
+0.18
–0.18
1.60
+0.10
–0.10
0.40
+0.05
–0.05
0.20 REF.
0.5BSC
SECTION "C-C"
SCALE: NONE
FOR EVEN TERMINAL/SIDE
TOP VIEW
BOTTOM VIEW
1. DIMENSIONS ARE IN mm.
2. DIE THICKNESS ALLOWABLE IS 0.305mm MAX.
3. PACKAGE WARPAGE MAX 0.05mm.
4. THIS DIMENSION APPLIES TO PLATED TERMINAL AND IS MEASURED
BETWEEN 0.20mm AND 0.25mm FROM TIP.
5. APPLIES ONLY FOR TERMINALS
CC
CL
4
Rev. 02
16-Pin MLF® (ML)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com