Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC769LP6CE Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC769LP6CE
Description  FRACTIONAL-N PLL WITH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC769LP6CE Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC769LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC769LP6CE
v01.0112
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 9.05 - 10.15 GHz
Outline Drawing
Part number
Package Body Material
Lead Finish
MSL rating
Package Marking [1]
hMC769LP6Ce
rohS-compliant Low Stress injection Molded Plastic
100% matte Sn
MSL3
h769
XXXX
[1] 4-digit lot number XXXX
Package Information
nOteS:
1. LeadFraMe MateriaL: COPPer aLLOY
2. diMenSiOnS are in inCheS [MiLLiMeterS].
3. Lead SPaCing tOLeranCe iS nOn-CUMULatiVe
4. Pad BUrr Length ShaLL Be 0.15 mm MaXiMUM.
Pad BUrr height ShaLL Be 0.05 mm MaXiMUM.
5. PaCKage warP ShaLL nOt eXCeed 0.05 mm.
6. aLL grOUnd LeadS and grOUnd PaddLe MUSt
Be SOLdered tO PCB rF grOUnd.
7. reFer tO hittite aPPLiCatiOn nOte FOr
SUggeSted PCB Land Pattern.
Absolute Maximum Ratings
VCCVCO1, VCCVCO2
+5.5V
Vtune
0 to +15V
rVdd, aVdd, VCCPS, VCChF,
VddPd
-0.3V to +3.6V
dVdd, VddiO
-0.3V to +3.6V
VddLS, VPPCPa
-0.3V to +5.5V
digital Load
1 KΩ min.
digital input 1.4V to 1.7V min. rise time
20 ns
digital input Voltage range
-0.25V to VddiO + 0.5V
Storage temperature range
-65
° C to +125° C
eSd Sensitivity (hBM)
Class 1a
Reliability Information
Junction temperature to Maintain
1 Million hours MttF
135° C
nominal Junction temperature (t = +85C)
127
° C
thermal resistance
(Junction to gnd Paddle, 5V Supply)
27.2 °C/w
Operating temperature
-40 to +85° C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com