Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC769LP6CE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC769LP6CE
Description  FRACTIONAL-N PLL WITH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC769LP6CE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC769LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC769LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC769LP6CE
v01.0112
FRACTIONAL-N PLL WITH
INTEGRATED VCO, 9.05 - 10.15 GHz
Functional Diagram
[1] Please refer to the pin description table for details
Features
• rF Bandwidth: 9.05 ghz to 10.15 ghz
• Fractional or integer Modes
• Ultra Low Phase noise
9.6 ghz; 50 Mhz ref.
-106 / -102 dBc/hz @ 10 khz (int / frac)
-140 dBc/hz @ 1 MhZ (Open Loop)
• Figure of Merit (FOM)
-230 / -227 dBc/hz (int / Frac)
• 24-bit Step Size, resolution 3 hz typ
• 350 Mhz, 14-bit reference path input
• Frequency and Phase Modulation
• integrated Frequency Sweeper
• triggered Frequency hopping
• external triggering
• 40 Lead 6 x 6 mm SMt Package: 36 mm²
Typical Applications
• VSat radio
• Microwave Point-to-Point radios
• test equipment & industrial Control
• Military end-Use
• Phased array applications
• FMCw radar Systems


Similar Part No. - HMC769LP6CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC769LP6CE AD-HMC769LP6CE Datasheet
990Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results

Similar Description - HMC769LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC767LP6CE HITTITE-HMC767LP6CE Datasheet
1Mb / 8P
FRACTIONAL-N PLL WITH
HMC778LP6CE HITTITE-HMC778LP6CE Datasheet
1Mb / 8P
FRACTIONAL-N PLL WITH
HMC1032LP6GE HITTITE-HMC1032LP6GE Datasheet
931Kb / 12P
Clock Generator with Fractional-N PLL
logo
Maxim Integrated Produc...
MAX7031MATJ50 MAXIM-MAX7031MATJ50 Datasheet
234Kb / 20P
FSK Transceiver with Fractional-N PLL
Rev 3; 11/10
logo
Analog Devices
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
Fractional-N PLL with Integrated VCO
Nov-2015
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com