Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC1032LP6GE Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC1032LP6GE
Description  Clock Generator with Fractional-N PLL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1032LP6GE Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC1032LP6GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 9Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 10Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC1032LP6GE
v00.1111
CloCk Generator with FraCtional-n Pll
& inteGrated VCo, 125 - 350 Mhz
220
222
224
226
228
230
232
234
14 MHz Square Wave
25 MHz Square Wave
50 MHz Square Wave
100 MHz Square Wave
REFERENCE POWER (mVpp)
100
200
400
Figure 7. reference input
Sensitivity, Square wave [5]
[5] Measured from a 50 Ω source with a 100 Ω external resistor termination. see
Pll with Integrated rF VCos operating Guide refer-
ence Input stage section for more details. Full FoM performance up to maximum 3.3 Vpp input voltage.
[6] Measured from a 50 Ω source with a 100 Ω external resistor termination. see
Pll with Integrated rF VCos operating Guide refer-
ence Input stage section for more details. Full FoM performance up to maximum 3.3 Vpp input voltage.
Figure 8. reference input
Sensitivity Sinusoid wave [6]
200
205
210
215
220
225
230
235
14 MHz sin
25 MHz sin
50 MHz sq
100 MHz sq
REFERENCE POWER (mVpp)
100
200
400
800
Figure 9. output rise time
0
50
100
150
100
150
200
250
300
350
Gain Setting 11
Gain Setting 00
FREQUENCY (MHz)
loop Filter
BW (kHz)
C1
(pF)
C2
(nF)
C3
(pF)
C4
(pF)
r2
(kΩ)
r3
(kΩ)
r4
(kΩ)
loop Filter Design
51
3.9
15
n/A
n/A
2.7
0
0
160
100
5.6
18
18
1.8
3.9
3.9
loop Filter Configuration table
Figure 10. output Fall time
0
50
100
150
200
100
150
200
250
300
350
Gain 11
Gain 00
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com