Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HMC1032LP6GE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC1032LP6GE
Description  Clock Generator with Fractional-N PLL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1032LP6GE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC1032LP6GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC1032LP6GE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC1032LP6GE
v00.1111
CloCk Generator with FraCtional-n Pll
& inteGrated VCo, 125 - 350 Mhz
Parameter
Condition
Min.
typ.
Max.
Units
Phase Detector (PD) [2]
PD Frequency Fractional Mode B
[3]
DC
100
MHz
PD Frequency Fractional Mode A (and register
6 [17:16] = 11)
DC
80
MHz
PD Frequency Integer Mode
DC
125
MHz
Charge Pump
output Current
0.02
2.54
mA
Charge Pump Gain step size
20
µA
PD/Charge Pump ssB Phase noise
50 MHz ref, Input referred
1 kHz
-143
dBc/Hz
10 kHz
Add 1 dB for Fractional
-150
dBc/Hz
100 kHz
Add 3 dB for Fractional
-153
dBc/Hz
output rise time
Measured from 20% to 80% of
output signal, F=350 MHz
Gain setting = 00
150
ps
Measured from 20% to 80% of
output signal, F=350 MHz
Gain setting = 11
250
ps
output Fall time
Measured from 80% to 20% of
output signal, F=350 MHz
Gain setting = 00
150
ps
Measured from 80% to 20% of
output signal, F=350MHz
Gain setting = 11
250
ps
output Duty Cycle
Measured at 50% of output
signal. F=350 MHz,
F=312.5 MHz & F=155.52 MHz
47.5
52.5
%
Logic Inputs
Vsw
switching threshold for logic
levels
40
50
60
% DVDD
Logic Outputs
VoH output High Voltage
DVDD
V
Vol output low Voltage
0
V
output Impedance
100
200
Ω
Maximum load Current
1.5
mA
Power Supply Voltages
3.3V supplies
AVDD, VCCHF, VCCPs,
VCCPD, rVDD,DVDD
3.0
3.3
3.5
V
5V supplies
VPPCP, VDDCP, VCC1, VCC2
4.8
5
5.2
V
Power Supply Currents
+5V Analog Charge Pump
VPPCP, VDDCP
8
mA
+5V VCo Core & VCo Buffer
fo/1 Mode VCC2
105
mA
fo/n Mode VCC2
80
mA
+5V VCo Divider & rF/Pll Buffer
fo/1 Mode VCC1
25
mA
fo/n Mode VCC1
80
100
mA
+3.3V
AVDD, VCCHF, VCCPs,
VCCPD, rVDD, DVDD3V
52
mA
Power Down - Crystal off
reg 01h=0,
Crystal not Clocked
10
µA
Power Down - Crystal on, 100 MHz
reg 01h=0,
Crystal Clocked 100 MHz
5
mA
electrical Specifications (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com