Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PX0839/PC Datasheet(PDF) 6 Page - Elektron Components Ltd.

Part # PX0839/PC
Description  Ethernet Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0839/PC Datasheet(HTML) 6 Page - Elektron Components Ltd.

  PX0839/PC Datasheet HTML 1Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 2Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 3Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 4Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 5Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.elektron-bulgin.com
51
Ethernet Buccaneer®
PX0777
IP68 Rating
For Sealed In-Line RJ45
Connections
Supplied Complete with
Coupler
Shielded (STP) & Unshielded
(UTP) versions
Cat5e Shielded Coupler also
available
Cable Range 3.5 - 8mm
(with glands supplied)
CABLE JOINER
Specification
PX0777/UTP
PX0777/STP
PX0777/CAT5ESTP
Rating:
1.5A, 30V a.c., 42V d.c.
1.5A, 30V a.c., 42V d.c.
1.5A, 30V a.c., 42V d.c.
No. of Conductors:
88
8
Coupler Type:
Unshielded
Shielded
Shielded CAT5e performance
Cable Range:
3.5 - 8mm
3.5 - 8mm
3.5 - 8mm
With glands supplied:
With glands supplied:
With glands supplied:
3.5 - 5mm (Blue)
3.5 - 5mm (Blue)
3.5 - 5mm (Blue)
5 - 7mm (Green)
5 - 7mm (Green)
5 - 7mm (Green)
6 - 8mm (Red)
6 - 8mm (Red)
6 - 8mm (Red)
Material:
Glass Filled Polyamide UL94V-0
Glass Filled Polyamide UL94V0
Glass Filled Polyamide UL94V-0
Sealing:
IP68 to BSEN 60529 : 1977
IP68 to BSEN 60529 : 1977
IP68 to BSEN 60529 : 1977
Operating Temp. Range:
–20ºC to +70ºC
–20ºC to +70ºC
–20ºC to +70ºC
Colour:
Black
Black
Black
Compliant
Compliant
Compliant
RoHS
BUCCANEER FOR DATA
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 51



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com