Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PX0839/PC Datasheet(PDF) 4 Page - Elektron Components Ltd.

Part # PX0839/PC
Description  Ethernet Buccaneer짰
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0839/PC Datasheet(HTML) 4 Page - Elektron Components Ltd.

  PX0839/PC Datasheet HTML 1Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 2Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 3Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 4Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 5Page - Elektron Components Ltd. PX0839/PC Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.elektron-bulgin.com
49
Sealing caps to maintain IP68
rating when connectors are
not in use
Replacement shielded RJ45s
Hand crimp tool for shielded
RJ45
Patch cord cable available in
50m reels
Sealing Caps
ACCESSORIES
Part no.
Description
PX0835
Sealing Cap for flex connectors (PX0834, PX0836-838)
PX0733
Sealing Cap for panel mounting connector (PX0833, PX0870)
PX0711
Sealing Cap for rear panel mounting connector (PX0839)
14151
Hand crimp tooling + die set
14199
PUR Jacket Cable - 50m reel
14150
Replacement shielded RJ45
Cat 5e shielded RJ45 interface
Rear of panel mounted
Mates with PX0836, PX0837,
PX0838 and PX0834 flex
connectors
Two IDC blocks for discrete
termination
Complete with panel sealing
gasket
PX0839/IDC
PANEL MOUNTING CONNECTOR
Part no.
Description
Fixing
PX0839/IDC
Cat 5e coupler
Rear panel mounted
Ethernet Buccaneer®
Maintains RJ45 coupler
screening directly to panel
Shielding can is fixed to rear
of panel mount connector
For use on PX0833
PX0888
SHIELDING BACK SHELL ACCESSORY
Part no.
Description
PX0888
Shielding backshell accessory
BUCCANEER FOR DATA
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 49



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com