Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4412 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP4412
Description  Electroluminescent Lamp Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4412 Datasheet(HTML) 1 Page - Sipex Corporation

  SP4412 Datasheet HTML 1Page - Sipex Corporation SP4412 Datasheet HTML 2Page - Sipex Corporation SP4412 Datasheet HTML 3Page - Sipex Corporation SP4412 Datasheet HTML 4Page - Sipex Corporation SP4412 Datasheet HTML 5Page - Sipex Corporation SP4412 Datasheet HTML 6Page - Sipex Corporation SP4412 Datasheet HTML 7Page - Sipex Corporation SP4412 Datasheet HTML 8Page - Sipex Corporation SP4412 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SP4412ADS/12
SP4412ACN Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
1
s 2.2 V- 3.6 V Battery Operation
s 50 nA Maximum Standby Current
(10 nA typical)
s High Voltage Output Typical 160 V
PP
s External Oscillator Required
s Enable Control Pin
APPLICATIONS
s Watches
s Pagers
s Backlit LCD Displays
SP4412A
Electroluminescent Lamp Driver
DESCRIPTION
The SP4412A is a high voltage output DC-AC converter that can operate from a 2.2V-3.6V
power supply. The SP4412A is capable of supplying up to 250 V
PP signals, making it ideal
for driving small electroluminescent lamps. The device features 10 nA (typical) standby
current, for use in low power portable products. An inductor is used to generate the high
voltage, and an external oscillator is needed as a clock source. The SP4412A is offered in
an 8-pin narrow SOIC package or an 8-pin
µSOIC package. For delivery in die form, please
consult the factory.
SP4412A Block Diagram
HON
VDD
Osc Input
VSS
COIL
EL2
EL1
SP4412A
8
7
4
3
2
1
5
6
No Connect
®


Similar Part No. - SP4412

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP4412 SAMHOP-SP4412 Datasheet
117Kb / 8P
N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - SP4412

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33441 ONSEMI-MC33441 Datasheet
152Kb / 12P
Electroluminescent Lamp Driver IC
April, 2000 ??Rev. 1
logo
Sipex Corporation
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
D306A ETC1-D306A Datasheet
407Kb / 13P
Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
Electroluminescent Lamp Driver IC
D355B ETC1-D355B Datasheet
534Kb / 14P
Electroluminescent Lamp Driver IC
D365A ETC1-D365A Datasheet
299Kb / 12P
Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
Electroluminescent Lamp Driver IC
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
Electroluminescent Lamp Driver
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14514 MAXIM-MAX14514 Datasheet
215Kb / 14P
Dual Electroluminescent Lamp Driver
19-4466; Rev 0; 2/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com