Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4412 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP4412
Description  Electroluminescent Lamp Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4412 Datasheet(HTML) 3 Page - Sipex Corporation

  SP4412 Datasheet HTML 1Page - Sipex Corporation SP4412 Datasheet HTML 2Page - Sipex Corporation SP4412 Datasheet HTML 3Page - Sipex Corporation SP4412 Datasheet HTML 4Page - Sipex Corporation SP4412 Datasheet HTML 5Page - Sipex Corporation SP4412 Datasheet HTML 6Page - Sipex Corporation SP4412 Datasheet HTML 7Page - Sipex Corporation SP4412 Datasheet HTML 8Page - Sipex Corporation SP4412 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SP4412ADS/12
SP4412ACN Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
3
THEORY OF OPERATION
The SP4412A is made up of three basic circuit
elements, a divider chain, a coil, and a switched
H-bridge network. The countdown chain
provides the circuit with a clock source used to
control the charge and discharge phases for the
coil and lamp. An external oscillator is required
and is delivered to pin 3 of the SO-8 package or
to the "Osc in" pad of the bare die. The chart on
page 6 shows the effect of variations in coil
values used. If a clock frequency other than
32kHz is used, the output of the driver as well as
the amount of current used, will be effected.
The suggested oscillator frequency is 32,768Hz.
This clock frequency is internally divided to
create two internal control signals, f
COIL and
f
LAMP. The output is internally divided down by
7 flip flops; therefore, a 32,768Hz signal will be
divided into the following frequencies; 32, 16,
8, 4, 2, 1, 0.5 and 0.25kHz. The second flip flop
output (8 kHz) is used to drive the coil (see
figure 2 on page 7) and the seventh flip flop
output (256 Hz) is used to drive the lamp.
Although the oscillator frequency can be varied
to optimize the lamp output, the ratio of f
COIL/
f
LAMP will always equal 32.
PIN DESCRIPTION
Pin 1 – HON- Enable for driver operation,
high = active; low = inactive.
Pin 2 – NC
Pin 3 – Oscillator clock input
Pin 4 – V
SS - Power supply common, connect to
ground.
Pin 5 – Coil - Coil input, connect coil from V
DD
to Pin 3.
Pin 6 – Lamp- Lamp driver output1, connect to
EL lamp.
Pin 7 – Lamp- Lamp driver output2, connect to
EL lamp.
Pin 8 – V
DD - Positive supply.
SP4412A Schematic
Q
Q
VBATTERY or VDD
HON
VDD
FF1
FF2
EL Lamp
6
VDD
3
Coil
4
5
EL1
EL2
7
8
2
VSS
30 mH at 125
1
Clock
Divider
Chain
External
Clock
NC
fCOIL
fLAMP
fLAMP
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com