Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4424 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4424
Description  Electroluminescent Lamp Driver Dual Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4424 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4424 Datasheet HTML 1Page - Sipex Corporation SP4424 Datasheet HTML 2Page - Sipex Corporation SP4424 Datasheet HTML 3Page - Sipex Corporation SP4424 Datasheet HTML 4Page - Sipex Corporation SP4424 Datasheet HTML 5Page - Sipex Corporation SP4424 Datasheet HTML 6Page - Sipex Corporation SP4424 Datasheet HTML 7Page - Sipex Corporation SP4424 Datasheet HTML 8Page - Sipex Corporation SP4424 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SP4424DS/16
SP4424 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
2
SPECIFICATIONS
(T= 25
°C; V
DD
=3.0V; Lamp Load = 55nF; Coil = 5mH at 18 Ohms; Coil OSC = 220pF, Lamp OSC = 1500pF unless otherwise noted)
PAD
X
Y
EL1
586.0
187.0
EL2
586.0
-143.0
COIL
586.0
-376.0
-80.0
-417.0
HON
-562.5
397.0
CAP2
-565.0
-118.0
CAP1
-562.5
114.5
588.0
417.0
NOTES:
1. Dimensions are in Microns unless otherwise noted.
2. Bonding pads are 125x125 typical.
3. Outside dimensions are maximum, including scribe area.
4. Die thickness is 10 mils +/- 1.
5. Pad center coordinates are relative to die center.
6. Die size 1498 x 1168 ( 59 x 46 mils).
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
DD.....................................................................................................7.0
V Input Voltages/Currents
HON (pin1)...............................................................-0.5V to (V
DD+0.5V)
COIL (pin3)....................................................................................60mA
Lamp Outputs............................................................................230V
PP
Storage Temperature...................................................-65˚C to +150˚C
Bonding Diagram:
HON
V
SS
Coil
EL 2
EL1
C
LAMP
C
COIL
SP4424
663A
V
DD
This data sheet specifies environmental parameters, final test conditions and limits as well suggested operating conditions.
For applications which require performance beyond the specified conditions and or limits please consult the factory.
Power Dissipation Per Package
8-pin NSOIC (derate 6.14mWoC above +70oC)..................500mW
8-pin
µSOIC (derate 4.85mWoC above +70oC)...................390mW
The information furnished herein by Sipex has been carefully reviewed
for accuracy and reliability. Its application or use, however, is solely the
responsibility of the user. No responsibility for the use of this information
is assumed by Sipex, and this information shall not explicitly or implicitly
become part of the terms and conditions of any subsequent sales
agreement with Sipex. Specifications are subject to change without
prior notice. By the sale or transfer of this information, Sipex assumes
no responsibility for any infringement of patents or other rights of third
parties which may result from its use. No license or other proprietary
rights are granted by implication or otherwise under any patent or
patent rights of Sipex Corporation.
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
a
t
l
o
V
y
l
p
p
u
S
D
D
2
.
20
.
30
.
5V
,
t
n
e
r
r
u
C
y
l
p
p
u
SI
L
I
O
C
I
+
D
D
5
30
5A
mV
N
O
H
V
3
=
V
,
e
g
a
t
l
o
V
li
o
C
L
I
O
C
V
D
D
..
0
.
5
V
V
,
e
g
a
t
l
o
V
t
u
p
n
I
N
O
H
N
O
H
f
f
o
L
E
:
W
O
L
n
o
L
E
:
H
G
I
H
5
2
.
0
-
V
D
D
5
2
.
0
-
0
V
D
D
V
5
2
.
0
V
D
D
5
2
.
0
+
V
n
o
L
E
,
t
n
e
r
r
u
C
N
O
H0
1
µA
V
,
n
w
o
d
ll
u
p
l
a
n
r
e
t
n
i
N
O
H
V
=
D
D
V
3
=
I
,
t
n
e
r
r
u
C
n
w
o
d
t
u
h
S
D
S
I
=
L
I
O
C
I
+
D
D
15
µA
V
N
O
H
V
0
=
E
V
I
R
D
R
O
T
C
U
D
N
I
f
,
y
c
n
e
u
q
e
r
F
li
o
C
L
I
O
C
34
6
z
H
k
e
l
c
y
C
y
t
u
D
li
o
C5
7%
I
,
t
n
e
r
r
u
C
li
o
C
k
a
e
P
L
I
O
C
-
K
P
0
6A
m.
n
g
i
s
e
d
y
b
d
e
e
t
n
a
r
a
u
G
T
U
P
T
U
O
P
M
A
L
L
E
f
,
y
c
n
e
u
q
e
r
F
p
m
a
L
L
E
P
M
A
L
0
5
1
0
0
1
0
0
20
5
2
0
0
4
z
H
T
B
M
A
5
2
+
=
OC
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
OC
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
o
t
k
a
e
P0
6
0
0
1
0
6
0
2
1
0
9
0
3
1
0
6
1
V
P
P
T
B
M
A
5
2
+
=
O
V
,
C
D
D
V
2
.
2
=
T
B
M
A
5
2
+
=
O
V
,
C
D
D
V
0
.
3
=
T
B
M
A
0
4
-
=
O
5
8
+
o
t
C
O
V
,
C
D
D
V
0
.
3
=
T
B
M
A
5
2
+
=
O
V
,
C
D
D
V
0
.
5
=
V
SS
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com