Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4424 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP4424
Description  Electroluminescent Lamp Driver Dual Oscillators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4424 Datasheet(HTML) 5 Page - Sipex Corporation

  SP4424 Datasheet HTML 1Page - Sipex Corporation SP4424 Datasheet HTML 2Page - Sipex Corporation SP4424 Datasheet HTML 3Page - Sipex Corporation SP4424 Datasheet HTML 4Page - Sipex Corporation SP4424 Datasheet HTML 5Page - Sipex Corporation SP4424 Datasheet HTML 6Page - Sipex Corporation SP4424 Datasheet HTML 7Page - Sipex Corporation SP4424 Datasheet HTML 8Page - Sipex Corporation SP4424 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SP4424DS/16
SP4424 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
5
CIRCUIT LAYOUT CONSIDERATIONS:
The SP4424 IC incorporates two independent
asynchronous oscillators, one of which supplies
the signal for switching of the coil transistor which
generates the coil charge pulses and the other
supplies the clock signal to switch the high voltage
H-bridge output circuit.
It is necessary to keep all high voltage signals
away from these oscillator clock signals as much
as possible as crosstalk between the two signals
can cause distortion in the EL drive signal which
can result in either low light output or blinking of
the EL lamp. It is always recommended that a low
ESR decoupling capacitor (0.1
µF or >) be used
between the V
DD (pin 6) and ground (pin 2). The
V
SS (gnd) pin should in turn be connected to the
system ground plane. If it is connected via a
circuit trace, this trace should be as short and as
wide as possible.
Electroluminescent Technology
What is electroluminescence?
An EL lamp is basically a strip of plastic that is
coated with a phosphorous material which emits
light (fluoresces) when a high voltage (>40V)
which was first applied across it, is removed. Long
periods of DC voltages applied to the material
tend to breakdown the material and reduce its
lifetime. With these considerations in mind, the
ideal signal to drive an EL lamp is a high voltage
sine wave. Traditional approaches to achieving
this type of waveform included discrete circuits
incorporating a transformer, transistors, and several
resistors and capacitors. This approach is large,
power hungry, expensive and bulky, and would be
difficult to implemented in most hand held
equipment.
Sipex now offers low power single chip driver
circuits specifically designed to drive small to
medium sized electroluminescent panels. All that
is required is one external inductor and capacitor.
Electroluminescent backlighting is ideal for use
with LCD displays, keypads, or other backlit
readouts. Its primary use is to illuminate displays
in dim to dark conditions for momentary periods
of time. EL lamps typically consume less current
than LEDs or bulbs making them ideal for battery
powered products. Also, EL lamps are able to
evenly light an area without creating "hot spots" in
the display.
The amount of light emitted is a function of the
voltage level applied to the lamp, the frequency at
which it is applied and the lamp size and method of
construction . There are many variables which can
be optimized for specific applications. Sipex
supplies custom characterization data to aid the
designer in selecting the optimum circuit
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com