Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4428 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP4428
Description  Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4428 Datasheet(HTML) 4 Page - Sipex Corporation

  SP4428 Datasheet HTML 1Page - Sipex Corporation SP4428 Datasheet HTML 2Page - Sipex Corporation SP4428 Datasheet HTML 3Page - Sipex Corporation SP4428 Datasheet HTML 4Page - Sipex Corporation SP4428 Datasheet HTML 5Page - Sipex Corporation SP4428 Datasheet HTML 6Page - Sipex Corporation SP4428 Datasheet HTML 7Page - Sipex Corporation SP4428 Datasheet HTML 8Page - Sipex Corporation SP4428 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SP4428DS/16
SP4428 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
4
energy produced by the coil V
BATTERY should
represent the largest voltage in the system (up to
the maximum tolerance of the coil) and the coil
should have low resistance; V
BATTERY= 1.5 VDC
with a 470
µH/4.9Ω coil are typical. The majority
of the current goes through the coil and typically
less than 1mA is required for V
DD of the SP4428.
V
DD can range from 1.5V to 1.7V; it is not necessary
that V
DD=VBATTERY. Coils are also a function of the
core material and winding used -- performance
variances may be noticeable from different coil
suppliers. The Sipex SP4428 is final tested using
a 470
µH/4.9Ω coil from Sumida. For suggested
coil sources see page 9.
The f
COIL signal controls a switch that connects the
end of the coil at pin 3 to ground or to open circuit.
The f
COIL signal is a 90% duty cycle signal switching
at the oscillator frequency. During the time when
the f
COIL signal is high, the coil is connected from
V
BATTERY to ground and a charged magnetic field is
created in the coil. During the low part of f
COIL , the
ground connection is switched open, the field
collapses and the energy in the inductor is forced
to flow toward the lamp. f
COIL will send 32 of these
charge pulses every half cycle (see figure 2
on page 7) to the lamp, each pulse increases the
voltage drop across the lamp in discrete steps. As
the voltage potential approaches its maximum, the
steps become smaller (see figure 1 on page 7).
The H-bridge consists of two SCR structures that
act as high voltage switches. These two switches
control the polarity of how the lamp is charged.
The SCR switches are controlled by the f
LAMP
signal which is the oscillator frequency divided by
64. For a 20kHz oscillator, f
LAMP=300Hz.
Optional
1800pF CAP
LAMP
1
Pager
Application
C
OSC
V
SS
Coil
D1
HON
V
DD
EL1
EL2
0.1
µF
5 FtL
1.5 SQ. IN.
Fast
Recovery
Diode
1.5 Volt
Battery
180pF
470
µH
4.9 Ohms
Typical SP4428 Application Circuit
When the energy from the coil is released, a high
voltage spike is created triggering the SCR
switches. The direction of current flow is
determined by which SCR is enabled. One full
cycle of the H-bridge will create a voltage step
from ground to 80V (typical) on pins 5 and 6 which
are 180 degrees out of phase with each other
(see figure 3 on page 7). A differential view of the
outputs is shown in figure 4 on page 7. If Line
Noise is of concern it is advisable to add a
decoupling cap at V
DD.
Electroluminescent Technology
What is electroluminescence?
An EL lamp is basically a strip of plastic that is
coated with a phosphorous material which emits
light (fluoresces) when a high voltage (>40V)
which was first applied across it, is removed or
reversed. Long periods of DC voltages applied to
the material tend to breakdown the material and
reduce its lifetime. With these considerations in
mind, the ideal signal to drive an EL lamp is a high
voltage sine wave. Traditional approaches to
achieving this type of waveform included discrete
circuits incorporating a transformer, transistors,
and several resistors and capacitors. This approach
is large and bulky, and cannot be implemented in
most hand held equipment. Sipex now offers low
power single chip driver circuits specifically
designed to drive small to medium sized
electroluminescent panels if all that is required is
one external inductor fast recovery diode and two
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com