Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4428 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP4428
Description  Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4428 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP4428 Datasheet HTML 2Page - Sipex Corporation SP4428 Datasheet HTML 3Page - Sipex Corporation SP4428 Datasheet HTML 4Page - Sipex Corporation SP4428 Datasheet HTML 5Page - Sipex Corporation SP4428 Datasheet HTML 6Page - Sipex Corporation SP4428 Datasheet HTML 7Page - Sipex Corporation SP4428 Datasheet HTML 8Page - Sipex Corporation SP4428 Datasheet HTML 9Page - Sipex Corporation SP4428 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SP4428DS/16
SP4428 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
6
The following performance curves are intended to give the designer a relative scale from which to optimize
specific applications. Absolute measurements may vary depending upon the brand of components chosen.
V
DD=VCOIL=1.5V; coil = 470µH/4ohm; COSC = 180pf; CINT = 1800pf; CLOAD = 4.7nF
Total I
DD vs. Temperature
Temperature (OC)
70
60
50
40
30
20
10
0
-40
0
25
70
85
Peak voltage vs. Temperature
V
DD = 1.5V
200
150
100
50
0
-40
0
25
70
85
Temperature (OC)
Lamp Frequency vs. Temperature
500
450
400
350
300
250
200
150
100
50
0
-40
0
257085
Temperature (OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com