Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP514 Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP514
Description  WAN Multi-Mode Serial Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP514 Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP514 Datasheet HTML 10Page - Sipex Corporation SP514 Datasheet HTML 11Page - Sipex Corporation SP514 Datasheet HTML 12Page - Sipex Corporation SP514 Datasheet HTML 13Page - Sipex Corporation SP514 Datasheet HTML 14Page - Sipex Corporation SP514 Datasheet HTML 15Page - Sipex Corporation SP514 Datasheet HTML 16Page - Sipex Corporation SP514 Datasheet HTML 17Page - Sipex Corporation SP514 Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
Rev. 3/05/04
SP514 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
Figure 39. Receiver Enable and Disable Times
+3V
0V
RDECX
5V
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR < 10ns; tF < 10ns
RECEIVER OUT
1.5V
1.5V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
RECEIVER OUT
Figure 38. Receiver Propagation Delays
VOH
VOL
RECEIVER OUT
1.5V
1.5V
tPHL
f = 1MHz; tR ≤ 10ns; tF ≤ 10ns
OUTPUT
VOD2+
VOD2–
A – B
0V
0V
tPLH
INPUT
Note: Figure 38 shown above is corrected from Figure 7 in the original SP504 Datasheet. Figure 7 in the original SP504 Datasheet is incorrect where
the RECEIVER OUTPUT should be inverted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com