Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP514 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP514
Description  WAN Multi-Mode Serial Transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP514 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP514 Datasheet HTML 2Page - Sipex Corporation SP514 Datasheet HTML 3Page - Sipex Corporation SP514 Datasheet HTML 4Page - Sipex Corporation SP514 Datasheet HTML 5Page - Sipex Corporation SP514 Datasheet HTML 6Page - Sipex Corporation SP514 Datasheet HTML 7Page - Sipex Corporation SP514 Datasheet HTML 8Page - Sipex Corporation SP514 Datasheet HTML 9Page - Sipex Corporation SP514 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Rev. 3/05/04
SP514 Multi–Mode Serial Transceiver
© Copyright 2004 Sipex Corporation
OTHER AC CHARACTERISTICS (Continued)
T
A = +25°C and VCC = +5.0V unless otherwise noted.
TRANSCEIVER TO TRANSCEIVER SKEW
(PER FIGURES 32, 33, 36, 38)
RS-232 Driver
100
ns
[ (t
phl )Tx1
– (t
phl )Tx6,7
]
100
ns
[ (t
plh )Tx1
– (t
plh )Tx6,7
]
RS-232 Receiver
20
ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]
20
ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]
RS-422 Driver
2
ns
[ (t
phl )Tx1
– (t
phl )Tx6,7
]
2ns
[ (t
plh )Tx1
– (t
plh )Tx6,7
]
RS-422 Receiver
3
ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]
3ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]
RS-423 Driver
5
ns
[ (t
phl )Tx2
– (t
phl )Tx3,4,5
]
5ns
[ (t
plh )Tx2
– (t
plh )Tx3,4,5
]
RS-423 Receiver
5
ns
[ (t
phl )
Rx2 – (tphl )Rx3,4,5 ]
5ns
[ (t
phl )
Rx2 – (tphl )Rx3,4,5 ]
V.35 Driver
4
ns
[ (t
phl )Tx1
– (t
phl )Tx6,7
]
4ns
[ (t
plh )Tx1
– (t
plh )Tx6,7
]
V.35 Receiver
6
ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]
6ns
[ (t
phl )
Rx1 – (tphl )Rx2,7 ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com