Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPX3819 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX3819
Description  500 mA, Low-Noise LDO Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX3819 Datasheet HTML 1Page - Sipex Corporation SPX3819 Datasheet HTML 2Page - Sipex Corporation SPX3819 Datasheet HTML 3Page - Sipex Corporation SPX3819 Datasheet HTML 4Page - Sipex Corporation SPX3819 Datasheet HTML 5Page - Sipex Corporation SPX3819 Datasheet HTML 6Page - Sipex Corporation SPX3819 Datasheet HTML 7Page - Sipex Corporation SPX3819 Datasheet HTML 8Page - Sipex Corporation SPX3819 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Date:6/8/2004
SPX3819 500mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
500mA, Low-Noise LDO Voltage Regulator
DESCRIPTION
FEATURES
■ Low Noise: 40µV Possible
■ High Accuracy: 1%
■ Reverse Battery Protection
■ Low Dropout: 340mV at Full Load
■ Low Quiescent Current: 90µA
■ Zero Off-Mode Current
■ Fixed Output: 1.2V, 1.5V, 1.8V, 2.5V, 3.0V,
3.1V, 3.3V, 5.0V
■ 5 Pin SOT-23, 8 Pin nSOIC and 8 pin 2X3 DFN
Packages.
®
The SPX3819 is a positive voltage regulator with a low dropout voltage and low noise output. In addition,
this device offers a very low ground current of 800µA at 100mA output. The SPX3819 has an initial tolerance
of less than 1% max and a logic compatible ON/OFF switched input. When disabled power consumption
drop to nearly zero. Other key features include reverse battery protection, current limit, and thermal
shutdown. The SPX3819 includes a reference bypass pin for optimal low noise output performance. With
its very low output temperature coefficient, this device also makes a superior low power voltage reference.
The SPX3819 is an excellent choice for use in battery-powered applications such as cordless telephones,
radio control systems, and portable computers. It is available in several fixed voltages 1.2V, 1.5V, 1.8V,
2.5V, 3.0V, 3.1V, 3.3V, 5.0V or with an adjustable output. This device is offered in 8 pin nSOIC, 8 pin DFN
and 5-pin SOT-23 packages.
APPLICATIONS
■ Battery Powered Systems
■ Cordless Phones
■ Radio Control Systems
■ Portable/Palm Top/Notebook Computers
■ Portable Consumer Equipment
■ Portable Instrumentation
■ Bar Code Scanners
■ SMPS Post Regulators
TYPICAL APPLICATION CIRCUIT
+
+
GND
EN
BYP
(Opt.)
ENABLE may be tied directly to V
IN
SPX3819
1
2
3
4
5
V
IN
V
OUT
TOP View
SPX3819
SPX3819
8 Pin DFN
EN
NC
NC
NC
VIN
ADJ/BYP
VOUT
GND
5
6
7
8
1
2
3
4
Now Available in Lead Free Packaging


Similar Part No. - SPX3819

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
500mA, Low-Noise LDO Voltage Regulator
SPX3819 SIPEX-SPX3819 Datasheet
377Kb / 13P
500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819 EXAR-SPX3819 Datasheet
1Mb / 13P
500mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Sipex Corporation
SPX3819M5 SIPEX-SPX3819M5 Datasheet
137Kb / 12P
500mA, Low-Noise LDO Voltage Regulator
SPX3819M5 SIPEX-SPX3819M5 Datasheet
377Kb / 13P
500mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX3819

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
150 mA, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725 Datasheet
1Mb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2006
MCP1825 MICROCHIP-MCP1825 Datasheet
655Kb / 38P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
2008
logo
ON Semiconductor
NCP5501DT33RKG ONSEMI-NCP5501DT33RKG Datasheet
213Kb / 13P
500 mA LDO Voltage Regulator
April, 2013 ??Rev. 12
logo
Microchip Technology
MCP1725 MICROCHIP-MCP1725_08 Datasheet
581Kb / 32P
500 mA, Low Voltage, Low Quiescent Current LDO Regulator
10/05/07
logo
Texas Instruments
LP5912 TI1-LP5912_17 Datasheet
2Mb / 33P
500-mA Low-Noise, Low-IQ LDO
TPS7A90 TI1-TPS7A90 Datasheet
2Mb / 33P
500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
LP5912 TI1-LP5912_18 Datasheet
2Mb / 35P
500-mA Low-Noise, Low-IQ LDO
TPS7A90 TI-TPS7A90_V01 Datasheet
3Mb / 34P
TPS7A90 500-mA, High-Accuracy, Low-Noise LDO Voltage Regulator
logo
Microchip Technology
MIC5209 MICROCHIP-MIC5209 Datasheet
2Mb / 30P
500 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com