Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPX3819 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX3819
Description  500 mA, Low-Noise LDO Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3819 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX3819 Datasheet HTML 3Page - Sipex Corporation SPX3819 Datasheet HTML 4Page - Sipex Corporation SPX3819 Datasheet HTML 5Page - Sipex Corporation SPX3819 Datasheet HTML 6Page - Sipex Corporation SPX3819 Datasheet HTML 7Page - Sipex Corporation SPX3819 Datasheet HTML 8Page - Sipex Corporation SPX3819 Datasheet HTML 9Page - Sipex Corporation SPX3819 Datasheet HTML 10Page - Sipex Corporation SPX3819 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Date:6/8/2004
SPX3819 500mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
The SPX3819 requires an output capacitor for
device stability. Its value depends upon the
application circuit. In general, linear regulator
stability decreases with higher output currents.
In applications where the SPX3819 is putting
out less current, a lower output capacitance may
be sufficient. For example, a regulator sourcing
only 10mA, requires approximately half the
capacitance as the same regulator sourcing
150mA.
Bench testing is the best method for determining
the proper type and value of the capacitor since
the high frequency characteristics of electro-
lytic capacitors vary widely, depending on type
and manufacturer. A high quality 2.2
µF alumi-
num electrolytic capacitor works in most appli-
cation circuits, but the same stability often can
be obtained with a 1
µF tantalum electrolytic.
With the SPX3819 adjustable version, the mini-
mum value of output capacitance is a function of
the output voltage. The value decreases with
higher output voltages, since closed loop gain is
increased.
Typical Applications Circuits
A 10nF capacitor on BYP pin will significantly
reduce output noise but it may be left uncon-
nected if the output noise is not a major concern.
The SPX3819 start-up speed is inversely pro-
portional to the size of the BYP capacitor. Ap-
plications requiring a slow ramp-up of the out-
put voltage should use a larger CBYP. However,
if a rapid turn-on is necessary, the BYP capaci-
tor can be omitted.
The SPX3819’s internal reference is available
through the BYP pin.
Figure 1 represents a SPX3819 standard appli-
cation circuit. The EN (enable) pin is pulled
high (>2.0V) to enable the regulator.
To disable the regulator, EN < 0.4V.
The SPX3819 in Figure 2 illustrates a typical
adjustable output voltage configuration. Two
resistors (R1 and R2) set the output voltage. The
output voltage is calculated using the formula:
VOUT = 1.235V x [ 1 + R1/R2]
R2 must be > 10 kΩ and for best results, R2
should be between 22 k
Ω and 47kΩ. A capacitor
placed between Adj and ground will provide
improved noise performance.
APPLICATION INFORMATION
+
+
GND
EN
BYP
(Opt.)
ENABLE may be tied directly to V
IN
SPX3819
1
2
3
4
5
V
IN
V
OUT
TOP View
+
+
GND
EN
BYP
(Opt.)
Hi-ON
Lo-OFF
SPX3819
SOT-23
1
2
3
4
5
V
IN
V
OUT
R1
R2
ADJ
TOP View
Figure 1. Standard Application Circuit
Figure 2. Typical Adjustable Output Voltage Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com