Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AL5802 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AL5802
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AL5802 Datasheet HTML 3Page - Diodes Incorporated AL5802 Datasheet HTML 4Page - Diodes Incorporated AL5802 Datasheet HTML 5Page - Diodes Incorporated AL5802 Datasheet HTML 6Page - Diodes Incorporated AL5802 Datasheet HTML 7Page - Diodes Incorporated AL5802 Datasheet HTML 8Page - Diodes Incorporated AL5802 Datasheet HTML 9Page - Diodes Incorporated AL5802 Datasheet HTML 10Page - Diodes Incorporated AL5802 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AL5802
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
AL5802
Document number: DS35516 Rev.4 - 2
9 of 11
www.diodes.com
November 2011
© Diodes Incorporated
To remove the potential of incorrect connection of the power supply
damaging the lamp’s LEDs, many systems use some form of
reverse polarity protection.
One solution for reverse input polarity protection is to simply use a
diode with a low VF in-line with the driver/LED combination. The low
VF increases the available voltage to the LED stack and dissipates
less power. A circuit example is presented in Fig. 18 using Diodes
Inc. SBR® (Super Barrier Rectifier) technology. An SDM10U45LP
(0.1A/45V) is shown, providing exceptionally low VF for its package
size of 1mm x 0.6mm, equivalent to an 0402 chip style package.
Other reverse voltage ratings are also available in Diodes’ website
such as the SBR02U100LP (0.2A/100V) or SBR0220LP (0.2A/20V).
Automotive applications commonly use this method for reverse
battery protection.
A second approach, shown in Fig. 19, improves upon the method
shown in Fig. 18. Whereas the method in Fig. 18 protects the light
engine, it will not function until the problem has been diagnosed and
corrected.
The method shown in Fig. 19 not only provides reverse polarity
protection, it also corrects the reversed polarity, allowing the light
engine to function.
The BAS40BRW incorporates four low VF, Schottky diodes into a
single package and allows more voltage available for the LED stack
and dissipates less power that standard rectifier bridges.
Fig. 18 Application circuit for LED driver
with reverse polarity protection
Fig. 19 Application circuit for LED driver with
assured operation regardless of polarity
R
S
AL5802
V
S
BAS40BRW
R
S
AL5802
SDM10U45LP
V
S
SBR is a registered trademark of Diodes Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com