Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AL5802 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AL5802
Description  30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5802 Datasheet(HTML) 1 Page - Diodes Incorporated

  AL5802 Datasheet HTML 1Page - Diodes Incorporated AL5802 Datasheet HTML 2Page - Diodes Incorporated AL5802 Datasheet HTML 3Page - Diodes Incorporated AL5802 Datasheet HTML 4Page - Diodes Incorporated AL5802 Datasheet HTML 5Page - Diodes Incorporated AL5802 Datasheet HTML 6Page - Diodes Incorporated AL5802 Datasheet HTML 7Page - Diodes Incorporated AL5802 Datasheet HTML 8Page - Diodes Incorporated AL5802 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AL5802
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
AL5802
Document number: DS35516 Rev.4 - 2
1 of 11
www.diodes.com
November 2011
© Diodes Incorporated
Description
The AL5802 combines a high gain NPN transistor with a pre-
biased NPN transistor to make a simple small footprint LED
driver.
The LED current is set by an external resistor connected to
from REXT pin (6) to GND pin (4), the internal high gain
transistor develops approximately 0.6V across the external
resistor.
The AL5802 open-collector output can operate from 0.8V to
30V enabling it to operate from 5V to 24V power supplies
without additional components.
PWM dimming of the LED current can be achieved by either
driving the BIAS pin (2) with a low impedance voltage
source, or driving the EN pin (3) with an external open-
collector NPN transistor or open-drain N-channel MOSFET.
The AL5802 is available in a SOT26 package and is ideal for
driving 20mA to 120mA LED currents.
Pin Assignments
(Top View)
SOT26
Features
Reference voltage VRSET = 0.65V
-40 to 125ºC temperature range
0.8V to 30V open-collector output
Negative temperature co-efficient – automatically reduce the LED
current at high temperatures
Low thermal impedance SOT26 with copper leadframe
SOT26: Available in “Green” Molding Compound (No Br, Sb)
Qualified to AEC-Q101 Standards for High Reliability
Applications
Linear LED driver
LED signs
Offline LED luminaries
Typical Application Circuit
654
123
Q2
Q1


Similar Part No. - AL5802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL5802 DIODES-AL5802 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
More results

Similar Description - AL5802

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLD101 DIODES-DLD101 Datasheet
165Kb / 7P
LINEAR MODE CURRENT SINK LED DRIVER
DS32007 Rev. 6 - 2
AL5801 DIODES-AL5801 Datasheet
234Kb / 11P
100V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 3
AL5811 DIODES-AL5811 Datasheet
366Kb / 13P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 1
AL5802-7 DIODES-AL5802-7 Datasheet
954Kb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 6
AL5802LP DIODES-AL5802LP_7 Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LPL DIODES-AL5802LPL Datasheet
1Mb / 11P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 3
AL5802LP DIODES-AL5802LP Datasheet
1Mb / 10P
LED DRIVER, 30V, LINEAR, ADJUSTABLE, CURRENT SINK
Rev 4
AL5802LP4 DIODES-AL5802LP4 Datasheet
1Mb / 10P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 4
AL5802 DIODES-AL5802_14 Datasheet
1Mb / 11P
30V, ADJUSTABLE CURRENT SINK LINEAR LED DRIVER
Rev 9
AL5811 DIODES-AL5811_16 Datasheet
432Kb / 14P
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com