Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC4052 Datasheet(PDF) 3 Page - System Logic Semiconductor

Part # HC4052
Description  Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC4052 Datasheet(HTML) 3 Page - System Logic Semiconductor

  HC4052 Datasheet HTML 1Page - System Logic Semiconductor HC4052 Datasheet HTML 2Page - System Logic Semiconductor HC4052 Datasheet HTML 3Page - System Logic Semiconductor HC4052 Datasheet HTML 4Page - System Logic Semiconductor HC4052 Datasheet HTML 5Page - System Logic Semiconductor HC4052 Datasheet HTML 6Page - System Logic Semiconductor HC4052 Datasheet HTML 7Page - System Logic Semiconductor HC4052 Datasheet HTML 8Page - System Logic Semiconductor HC4052 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SL74HC4052
System Logic
Semiconductor
SLS
DC ELECTRICAL CHARACTERISTICS Digital Section (Voltages Referenced to GND) V
EE=GND,
Except Where Noted
VCC
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
25
°C to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-Level
Input Voltage, Channel-
Select or Enable Inputs
RON = Per Spec
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -Level
Input Voltage, Channel-
Select or Enable Inputs
RON = Per Spec
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
IIN
Maximum Input
Leakage Current,
Channel-Select or
Enable Inputs
VIN=VCC or GND,
VEE=-6.0 V
6.0
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
(per Package)
Channel Select = VCC or GND
Enable = VCC or GND
VIS = VCC or GND
VIO= 0 V
VEE = GND
VEE = -6.0
6.0
6.0
2
8
20
80
40
160
µA
DC ELECTRICAL CHARACTERISTICS Analog Section
VCC
VEE
Guaranteed Limit
Symbol
Parameter
Test Conditions
V
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
RON
Maximum “ON” Resistance
VIN=VIL or VIH
VIS = VCC or VEE
IS
≤ 2.0 mA(Figure 1)
4.5
4.5
6.0
0.0
-4.5
-6.0
190
120
100
240
150
125
280
170
140
VIN=VIL or VIH
VIS = VCC or VEE
(Endpoints)
IS
≤ 2.0 mA(Figure 1)
4.5
4.5
6.0
0.0
-4.5
-6.0
150
100
80
190
125
100
230
140
115
∆R
ON
Maximum Difference in
“ON” Resistance Between
Any Two Channels in the
Same Package
VIN=VIL or VIH
VIS = 1/2 (VCC- VEE)
IS
≤ 2.0 mA
4.5
4.5
6.0
0.0
-4.5
-6.0
30
12
10
35
15
12
40
18
14
IOFF
Maximum Off- Channel
Leakage Current, Any One
Channel
VIN=VIL or VIH
VIO = VCC- VEE
Switch Off (Figure 2)
6.0
-6.0
0.1
0.5
1.0
µA
Maximum Off- Channel
Leakage Current, Common
Channel
VIN=VIL or VIH
VIO= VCC- VEE
Switch Off (Figure 3)
6.0
-6.0
0.1
1.0
2.0
ION
Maximum On- Channel
Leakage Current, Channel to
Channel
VIN=VIL or VIH
Switch to Switch =
VCC- VEE (Figure 4)
6.0
-6.0
0.1
1.0
2.0
µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com