Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC4052 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC4052
Description  Analog Multiplexer/Demultiplexer(High-Performance Silicon-Gate CMOS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC4052 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC4052 Datasheet HTML 1Page - System Logic Semiconductor HC4052 Datasheet HTML 2Page - System Logic Semiconductor HC4052 Datasheet HTML 3Page - System Logic Semiconductor HC4052 Datasheet HTML 4Page - System Logic Semiconductor HC4052 Datasheet HTML 5Page - System Logic Semiconductor HC4052 Datasheet HTML 6Page - System Logic Semiconductor HC4052 Datasheet HTML 7Page - System Logic Semiconductor HC4052 Datasheet HTML 8Page - System Logic Semiconductor HC4052 Datasheet HTML 9Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SL74HC4052
System Logic
Semiconductor
SLS
Analog Multiplexer/Demultiplexer
High-Performance Silicon-Gate CMOS
The SL74HC4052 utilize silicon-gate CMOS technology to achieve
fast propagation delays, low ON resistances, and low OFF leakage
currents. These analog multiplexers/demultiplexers control analog
voltages that may vary across the complete power supply range (from
VCC to VEE).
The Channel-Select inputs determine which one of the Analog
Inputs/Outputs is to be connected, by means of an analog switch, to
the Common Output/Input.When the Enable pin is high, all analog
switches are turned off.
The Channel-Select and Enable inputs are compatible with standard
CMOS outputs; with pullup resistors, they are compatible with LS/ALS
TTLoutputs.
• Fast Switching and Propagation Speeds
• Low Crosstalk Between Switches
• Diode Protection on All Inputs/Outputs
• Analog Power Supply Range (V
CC-VEE)=2.0 to 12.0 V
• Digital (Control) Power Supply Range (V
CC-GND)=2.0 to 6.0 V
• Low Noise
ORDERING INFORMATION
SL74HC4052N Plastic
SL74HC4052D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Control Inputs
ON
Enable
Select
Channels
B
A
L
L
L
Y0
X0
L
L
H
Y1
X1
L
H
L
Y2
X2
L
H
H
Y3
X3
H
X
X
None
X = don’t care
LOGIC DIAGRAM
Double-Pole, 4-Position
Plus Commo n Off
PIN 16 =VCC
PIN 7 = VEE
PIN 8 = GND


Similar Part No. - HC4052

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HC4052 ONSEMI-HC4052 Datasheet
341Kb / 16P
Analog Multiplexers/Demultiplexers
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HC4052 PHILIPS-HC4052 Datasheet
129Kb / 15P
Dual 4-channel analog multiplexer/demultiplexer
2004 Nov 11
logo
STMicroelectronics
HC4052 STMICROELECTRONICS-HC4052 Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
logo
Toshiba Semiconductor
HC4052 TOSHIBA-HC4052 Datasheet
383Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULITIPLEXER
logo
Fairchild Semiconductor
HC4052 FAIRCHILD-HC4052 Datasheet
108Kb / 11P
8-Channel Analog Multiplexer Dual 4-Channel Analog Multiplexer, Triple 2-Channel Analog Multiplexer
More results

Similar Description - HC4052

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4052B SLS-SL4052B Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4052B ETC-IW4052B Datasheet
196Kb / 6P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC4051A KODENSHI-KK74HC4051A Datasheet
307Kb / 9P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK74HC4052A KODENSHI-KK74HC4052A Datasheet
300Kb / 8P
Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
KK4051B KODENSHI-KK4051B Datasheet
316Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
KK4052B KODENSHI-KK4052B Datasheet
340Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC4053A IKSEMICON-IN74HC4053A Datasheet
225Kb / 9P
Analog Multiplexer/Demultiplexer High-Performance Silicon-Gate CMOS
IW4051B IKSEMICON-IW4051B Datasheet
236Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4052B IKSEMICON-IW4052B Datasheet
256Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
IW4053B IKSEMICON-IW4053B Datasheet
194Kb / 7P
Analog Multiplexer Demultiplexer High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com