Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC4053 Datasheet(PDF) 4 Page - System Logic Semiconductor

Part # HC4053
Description  Analog Multiplexer/Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC4053 Datasheet(HTML) 4 Page - System Logic Semiconductor

  HC4053 Datasheet HTML 1Page - System Logic Semiconductor HC4053 Datasheet HTML 2Page - System Logic Semiconductor HC4053 Datasheet HTML 3Page - System Logic Semiconductor HC4053 Datasheet HTML 4Page - System Logic Semiconductor HC4053 Datasheet HTML 5Page - System Logic Semiconductor HC4053 Datasheet HTML 6Page - System Logic Semiconductor HC4053 Datasheet HTML 7Page - System Logic Semiconductor HC4053 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SL74HC4053
System Logic
Semiconductor
SLS
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input t r=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to
-55
°C
≤85°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Channel-Select to
Analog Output (Figures 8 and 9)
2.0
4.5
6.0
370
74
63
465
93
79
550
110
94
ns
tPLH, tPHL
Maximum Propagation Delay , Analog Input to
Analog Output (Figures 10 and 11)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tPLZ, tPHZ
Maximum Propagation Delay , Enable to Analog
Output (Figures 12 and 13)
2.0
4.5
6.0
290
58
49
364
73
62
430
86
73
ns
tPZL, tPZH
Maximum Propagation Delay , Enable to Analog
Output (Figures 12 and 13)
2.0
4.5
6.0
345
69
59
435
87
74
515
103
87
ns
CIN
Maximum Input Capacitance, Channel-Select or
Enable Inputs
-
10
10
10
pF
CI/O
Maximum Capacitance
Analog I/O
All Switches Off
-
35
35
35
pF
Common O/I
-
50
50
50
Feedthrough
-
1.0
1.0
1.0
Power Dissipation Capacitance (Per Package)
(Figure 15)
Typical @25
°C,V
CC=5.0 V, VEE=0 V
CPD
Used to determine the no-load dynamic power
consumption:
PD=CPDVCC
2f+I
CCVCC
45
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com