Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HC4053 Datasheet(PDF) 1 Page - System Logic Semiconductor

Part # HC4053
Description  Analog Multiplexer/Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLS [System Logic Semiconductor]
Direct Link  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

HC4053 Datasheet(HTML) 1 Page - System Logic Semiconductor

  HC4053 Datasheet HTML 1Page - System Logic Semiconductor HC4053 Datasheet HTML 2Page - System Logic Semiconductor HC4053 Datasheet HTML 3Page - System Logic Semiconductor HC4053 Datasheet HTML 4Page - System Logic Semiconductor HC4053 Datasheet HTML 5Page - System Logic Semiconductor HC4053 Datasheet HTML 6Page - System Logic Semiconductor HC4053 Datasheet HTML 7Page - System Logic Semiconductor HC4053 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SL74HC4053
System Logic
Semiconductor
SLS
Analog Multiplexer/Demultiplexer
High-Performance Silicon-Gate CMOS
The SL74HC4053 utilize silicon-gate CMOS technology to achieve
fast propagation delays, low ON resistances, and low OFF leakage
currents. These analog multiplexers/demultiplexers control analog
voltages that may vary across the complete power supply range (from
VCC to VEE).
The Channel-Select inputs determine which one of the Analog
Inputs/Outputs is to be connected, by means of an analog switch, to
the Common Output/Input.When the Enable pin is high, all analog
switches are turned off.
The Channel-Select and Enable inputs are compatible with standard
CMOS outputs; with pullup resistors, they are compatible with
LS/ALSTTL outputs.
• Fast Switching and Propagation Speeds
• Low Crosstalk Between Switches
• Diode Protection on All Inputs/Outputs
• Analog Power Supply Range (V
CC-VEE)=2.0 to 12.0 V
• Digital (Control) Power Supply Range (V
CC-GND)=2.0 to 6.0 V
• Low Noise
ORDERING INFORMATION
SL74HC4053N Plastic
SL74HC4053D SOIC
TA = -55
° to 125° C for all packages
PIN ASSIGNMENT
FUNCTION TABLE
Control Inputs
ON
Enable
Select
Channels
C
B
A
L
L
L
L
Z0
Y0
X0
L
L
L
H
Z0
Y0
X1
L
L
H
L
Z0
Y1
X0
L
L
H
H
Z0
Y1
X1
L
H
L
L
Z1
Y0
X0
L
H
L
H
Z1
Y0
X1
L
H
H
L
Z1
Y1
X0
L
H
H
H
Z1
Y1
X1
H
X
X
X
None
X = don’t care
LOGIC DIAGRAM
Triple Single-Pole, Double-Position
Plus Common Off
PIN 16 =VCC
PIN 7 = VEE
PIN 8 = GND


Similar Part No. - HC4053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
HC4053A ONSEMI-HC4053A Datasheet
181Kb / 17P
Analog Multiplexers Demultiplexers
January, 2017 ??Rev. 9
More results

Similar Description - HC4053

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_11 Datasheet
185Kb / 13P
Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX4052 ONSEMI-MC74LVX4052_14 Datasheet
160Kb / 14P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 7
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com