Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS1L60 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS1L60
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS1L60 Datasheet HTML 6Page - STMicroelectronics STPS1L60 Datasheet HTML 7Page - STMicroelectronics STPS1L60 Datasheet HTML 8Page - STMicroelectronics STPS1L60 Datasheet HTML 9Page - STMicroelectronics STPS1L60 Datasheet HTML 10Page - STMicroelectronics STPS1L60 Datasheet HTML 11Page - STMicroelectronics STPS1L60 Datasheet HTML 12Page - STMicroelectronics STPS1L60 Datasheet HTML 13Page - STMicroelectronics STPS1L60 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Overview of inverse buck converter
AN3151
10/34
Doc ID 17051 Rev 1
3
Overview of inverse buck converter
The inverse buck stage offers the advantages previously mentioned and is managed by the
same equations as the standard buck converter.
Here in short, some details related to the DC-DC converter stage, with further details of the
analog designing [3].
Theory of operation
The voltage across the L inductor is calculated using the following formula:
Equation 1
where:
●
VL=inductor voltage (V)
●
L=inductance (H)
●
IL=inductor current (A)
Figure 6.
Inverse buck converter (single-string)
The following equations were used in the design:
Table 1.
Electrical specs
Description
Symbol
Value
Unit
Input voltage
VIN
48
V
White LED
VF
Everlight EHP-AX08EL P03-V4
LED forward voltage
Vfmin=3.85 @ 700 mA
Vfmax=4.15 @ 700 mA
V
dt
di
L
V
l
L =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com