Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS1L60 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPS1L60
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPS1L60 Datasheet HTML 11Page - STMicroelectronics STPS1L60 Datasheet HTML 12Page - STMicroelectronics STPS1L60 Datasheet HTML 13Page - STMicroelectronics STPS1L60 Datasheet HTML 14Page - STMicroelectronics STPS1L60 Datasheet HTML 15Page - STMicroelectronics STPS1L60 Datasheet HTML 16Page - STMicroelectronics STPS1L60 Datasheet HTML 17Page - STMicroelectronics STPS1L60 Datasheet HTML 18Page - STMicroelectronics STPS1L60 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
AN3151
Independent current control for a multi-string system
Doc ID 17051 Rev 1
15/34
A sort of “state machine”, implemented in the EOC ISR, manages the current control on four
strings while also looking after the dimming function.
Further details of the multi-string control algorithm follow.
Once the first channel conversion is completed the control checks which string is to be
controlled and updates the new value of duty cycle thanks to a PI standard controller.
Once the duty cycle is updated, the control sets the next channel, related to another string to
be controlled, which is converted during the next Update event on seven PWM counter
overflows.
In short, a single PI controller in the EOC ISR is performed.
The four PIDs are executed in 200 µs calculated in this way:
PWM period=10 µs
The Update event occurs every 5 x PWM period= 50 µs
And, multiplying by 4, the total timing to execute and update the four PI controllers is
obtained.
PIDs execution = 200 µs
Figure 9.
Basic flowchart
Note:
After initialization, wait until interrupt state is entered. The idea is to convert the current and
correct the duty cycle of the PWM in order to maintain the same average current level.
In Figure 10 the basic algorithm flowchart is shown:
Basic initialization of peripherals, timer synchronization with ADC, interrupts and I/O
pins.
Reading the LED currents the ADC EOC is served and the duty cycle updated. The
entire control algorithm is executed into the interrupt routine thanks to PI controllers
with anti wind-up in order to regulate the average current at target.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com