Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPM10 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 28Page - STMicroelectronics STPM10 Datasheet HTML 29Page - STMicroelectronics STPM10 Datasheet HTML 30Page - STMicroelectronics STPM10 Datasheet HTML 31Page - STMicroelectronics STPM10 Datasheet HTML 32Page - STMicroelectronics STPM10 Datasheet HTML 33Page - STMicroelectronics STPM10 Datasheet HTML 34Page - STMicroelectronics STPM10 Datasheet HTML 35Page - STMicroelectronics STPM10 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
Theory of operation
STPM10
32/51
Doc ID 17728 Rev 3
clock signal. When SCS is high, SCL is also high, determining the idle state of the
SPI.
–
SDA: the data pin. If SCS is low, the operation of SDA is dependent on the status
of the SYN pin. If SYN is high, SDA is the output of the serial bit data (read mode).
If SYN is low, SDA is the input of the serial bit data signal (write mode). If SCS is
high, SDA is the input of the idle signal.
Any pin above has an internal weak pull-up mechanism of nominal 15 µA. This means that
when a pin is not forced by external signals, the state of the pin is logic high. A high state of
any input pin described above is considered an idle (not active) state. For the SPI to operate
correctly, the STPM10 must be correctly supplied as described in Section 7.6: Power supply.
An idle state of the SPI module is recognized when the signals of pins SYN, SCS, SCL and
SDA are in a logic high state. Any SPI operation should start from this idle state.
When SCS is active (low), signal SDATD should change its state at trailing edge of signal
SCLNLC and the signal SDATD should be stable at next leading edge of signal SCLNLC.
The first valid bit of SDATD is always started with activation of signal SCLNLC.
7.20
Remote reset
The timing diagram of this operation is shown in Figure 22. The time step can be as short as
30 ns.
The internal reset signal is called RRR. Unlike the POR, the RRR signal does not cause the
30 ms delayed restart of the analog module, and the 120 ms delay in the restart of the digital
module. This signal does not clear the mode signals.
Figure 22.
Timing for providing remote reset request (1)
1.
All time intervals must be longer than 30 ns. t7 → t8 is the reset time; this interval must be longer than 30 ns also.
t
1
t
2
t
3
t
4
t
5
t
6
t
7
t
8
t
9
t
10
SCS
SYN
SCLNLC
SDATD
SCS
SYN
SCLNLC
SDATD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com