Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPM10 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STPM10
Description  Programmable single-phase energy metering IC with tamper detection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM10 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STPM10 Datasheet HTML 37Page - STMicroelectronics STPM10 Datasheet HTML 38Page - STMicroelectronics STPM10 Datasheet HTML 39Page - STMicroelectronics STPM10 Datasheet HTML 40Page - STMicroelectronics STPM10 Datasheet HTML 41Page - STMicroelectronics STPM10 Datasheet HTML 42Page - STMicroelectronics STPM10 Datasheet HTML 43Page - STMicroelectronics STPM10 Datasheet HTML 44Page - STMicroelectronics STPM10 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
STPM10
Theory of operation
Doc ID 17728 Rev 3
41/51
The DSP then performs the integration of the computed powers into energies. These
integrators are implemented as up/down counters and they can roll over. 20-bit output buses
of the counters are assigned as the most significant part of the energy data records. It is the
responsibility of an application to read the counters at least every second, to avoid missing
any rollover.
7.24
STPM10 calibration
Energy meters based on the STPM10 device can be calibrated in a fast and simple way. The
calibration is essentially based on the single calibration of the voltage and current channel
considering their RMS values rather than on the frequency of the output pulse signal. When
the two channels are calibrated, all the other measurements are calibrated too. This allows
the calibration to be performed in only one point, thereby shortening the production time of
the meter.
This procedure is possible due to the following key factors:
The device comprises two independent meter channels for line voltage and current,
respectively. Each channel includes its own digital calibrator, to adjust the RMS in the
range of ±12.5% in 256 steps, and a digital filter, to remove any signal DC component.
None of the final results are subject to the calibration procedure because they are
achieved from such corrected signals by mathematical modules implemented by hard-
wired DSP.
The device computes different kinds of energies: active, reactive and apparent. The
active energy is produced without the 2nd harmonic of the line frequency. It also
computes RMS values of measured voltage and current.
The device produces an energy output pulse signal, but information can also be read
through the serial port interface (SPI) and communication channel.
The device has an embedded memory of 56 bits, used for configuration and calibration
purposes. The values of these bits can be read, or they can be changed temporarily
through the SPI communication channel.
Let's consider the basic information needed to start the calibration procedure:
The typical STPM10 parameters and constants are also known (see Table 14).
2
VI
2
V
2
I
S
=
ω
ω
=
Table 13.
Working point settings
Parameter
Value
Line RMS voltage
Vn
230 V
Line RMS current
In
5 A
Power sensitivity
P
LED: P=128000 pulses/kWh
Shunt sensor
KS
0.42 mv/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com