Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE721C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE721C
Description  1.2A 1.5MHz 7V Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE721C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ACE721C
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
2
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Max Input Voltage
VIN
7
V
Storage Temperature
TS
-40~150
Max Power Dissipation
SOT-23-5
400
mW
Ambient Temperature
TA
-40~85
Max Operating Junction Temperature
TJ
125
ESD (HBM)
>2000
V
Storage Temperature
TSTG
-65 to 150
Note: Exceed these limits to damage to the device. Exposure to absolute maximum rating conditions may affect device reliability.
Packaging Type
5
4
1
2
3
SOT-23-5
Description
Function
1
EN
Enable pin for the IC. Drive the pin to high to enable the part,
and low to disable
2
GND
Ground
3
SW
Inductor connection. Connect an inductor between SW and
The regulator output
4
VIN
Supply voltage
5
FB
Feedback input. Connect and external resistor divider from the
output to FB and GND to set the output to a voltage between
0.6V and Vin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com