Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE721C Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE721C
Description  1.2A 1.5MHz 7V Synchronous Buck Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE721C Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE721C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE721C Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ACE721C
1.2A 1.5MHz 7V Synchronous Buck Converter
VER 1.3
7
UVLO and Thermal Shutdown
If IN drops below 2.5V, the UVLO circuit inhibits switching. Once IN rises above 2.6V, the UVLO clears,
and the soft-start sequence activates. Thermal-overload protection limits total power dissipation in the
device. When the junction temperature exceeds TJ= +160°C, a thermal sensor forces the device into
shutdown, allowing the die to cool. The thermal sensor turns the device on again after the junction
temperature cools by 15°C, resulting in a pulsed output during continuous overload conditions. Following
a thermal-shutdown condition, the soft-start sequence begins.
Design Procedure
Setting Output Voltages
Output voltages are set by external resistors. The FB_ threshold is 0.6V.
RTOP = RBOTTOM[(VOUT / 0.6) - 1]
Input Capacitor Selection
The input capacitor in a DC-to-DC converter reduces current peaks drawn from the battery or other input
power source and reduces switching noise in the controller. The impedance of the input capacitor at the
switching frequency should be less than that of the input source so high-frequency switching currents do
not pass through the input source. The output capacitor keeps output ripple small and ensures
control-loop stability. The output capacitor must also have low impedance at the switching frequency.
Ceramic, polymer, and tantalum capacitors are suitable, with ceramic
exhibiting the lowest ESR and
high-frequency impedance. Output ripple with a ceramic output capacitor is approximately as follows:
VRIPPLE = IL(PEAK)[
1 / (2π x fOSC x COUT)] If the capacitor has significant ESR, the output ripple
component due to capacitor ESR is as follows: VRIPPLE(ESR) = IL(PEAK) x ESR
Application Information
Layout is critical to achieve clean and stable operation. The switching power stage requires particular
attention. Follow these guidelines for good PC board layout:
1) Place decoupling capacitors as close to the IC as possible
2) Connect input and output capacitors to the same power ground node with a star ground configuration
then to IC ground.
3) Keep the high-current paths as short and wide as possible. Keep the path of switching current (C1 to
IN and C1 to GND) short. Avoid vias in the switching paths.
4) If possible, connect IN, SW, and GND separately to a large copper area to help cool the IC to further
improve efficiency and long-term reliability.
5) Ensure all feedback connections are short and direct. Place the feedback resistors as close to the IC
as possible.
6)
Route high-speed switching nodes away from sensitive analog areas



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com