| Electronic Components Datasheet Search |
|
STA381BWS Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA381BWS Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 171 page ![]() STA381BWS Device overview Doc ID 018937 Rev 6 25/171 4 Device overview The mentioned hyperlink in this section relates to the default New Map Section 6: Register description: New Map. 4.1 Processing data path The whole STA381BWS processing chain is composed of two consecutive sections. In the first one dual-channel processing is implemented (Figure 4) and then each channel is fed into the post-mixing block allowing to generate either a third channel (typically used in 2.1 output configurations together with crossover filters) or to have the channels processed by the dual-band DRC block (2.0 output configuration with crossover filters used to define the cutoff frequency of the two bands). The first section begins with a 2x oversampling FIR filter allowing 2*Fs audio processing. Then a selectable high-pass filter removes the DC level (enabled if HFB = 0). The channel 1 and 2 processing chain can include up to 8 filters, depending on the selected configuration (bits BQL, BQ5, BQ6, BQ7 and XO[3:0]). By default, 4 independent filters per channel are enabled, plus the pre-configured Bass and Treble controls (BQL=0, BQ5=0, BQ6=0, BQ7=0). The STA381BWS offers the possibility to share the filter coefficients between the two processing channels. When this option is set (BQL=1), filters from the 1st to the 4th have the same coeffcients set. Under these conditions, filters from the 5th to 7th can be used as custom filters as well (provided the relevant BQx bits are set). Once again filter coefficients are shared between the two processing channels. Moreover the common 8th filter, from the subsequent processing section, can be available on both channels (provided the pre-defined crossover frequencies are not used, XO[3:0]=0, and the dual-band DRC is not used). Figure 4. Processing path, first part L R I2S Input Interface X2Over- -sampling FIR Pre- -scale Hi-Pass Filter Biquad #1 Biquad #2 Biquad #3 Biquad #4 Userd Defined Filters De-emph Or Biquad#5 Bass Or Biquad#6 Treble Or Biquad#7 Tone Control X2Over- -sampling FIR Pre- -scale Hi-Pass Filter Biquad #1 Biquad #2 Biquad #3 Biquad #4 Userd Defined Filters De-emph Or Biquad#5 Bass Or Biquad#6 Treble Or Biquad#7 Tone Control Sampling Frequency = Fs Sampling Frequency = 2xFs Sampling Frequency = 2xFs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |