Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA381BWS Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 27Page - STMicroelectronics STA381BWS Datasheet HTML 28Page - STMicroelectronics STA381BWS Datasheet HTML 29Page - STMicroelectronics STA381BWS Datasheet HTML 30Page - STMicroelectronics STA381BWS Datasheet HTML 31Page - STMicroelectronics STA381BWS Datasheet HTML 32Page - STMicroelectronics STA381BWS Datasheet HTML 33Page - STMicroelectronics STA381BWS Datasheet HTML 34Page - STMicroelectronics STA381BWS Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 171 page
background image
STA381BWS
Device overview
Doc ID 018937 Rev 6
31/171
The STC reacts differently depending on these three parameters (Figure 10):
level meter output value < compressor threshold < limiter threshold: under these
circumstances the signal level is small enough to not require any type of
limiting/compressing action. The signal remains unchanged.
compressor threshold < level meter output value < limiter threshold: under these
circumstances the signal level is compressed to a ratio determined by the compressor
rate.
compressor threshold < limiter threshold < level meter output value: under these
circumstances the signal level exceeds the limiter threshold which represents the
maximum output power allowed. The signal is limited to avoid unpredictable effects and
damages.
The compressor threshold, the limiter threshold and the compressor rate are all user-
selectable parameters. The compressor threshold range of value is [-48, 0] dB with a
0.25 dB step. The limiter threshold range of values is [-24, +12] dB with a 0.25 dB step. The
compressor ratio range of value is [0, 15], the meaning of these values is specified in
Table 10. For further details please refer to Table 12. Either setting the compressor rate to
1:1 or setting the compressor threshold greater than the limiter threshold makes the STC
behave as a pure limiter (Figure 11).
Figure 10.
STCompressorTM behavior
INPUT
[dB]
C.T.
L.T.
L.T. comp
C.R.
C.T.
L.T.
Compression Zone
Limiting Zone
Linear Zone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com