Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA2050 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA2050
Description  32 W hi-fi audio power amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2050 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA2050 Datasheet HTML 1Page - STMicroelectronics TDA2050 Datasheet HTML 2Page - STMicroelectronics TDA2050 Datasheet HTML 3Page - STMicroelectronics TDA2050 Datasheet HTML 4Page - STMicroelectronics TDA2050 Datasheet HTML 5Page - STMicroelectronics TDA2050 Datasheet HTML 6Page - STMicroelectronics TDA2050 Datasheet HTML 7Page - STMicroelectronics TDA2050 Datasheet HTML 8Page - STMicroelectronics TDA2050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
August 2011
Doc ID 1461 Rev 3
1/18
18
TDA2050
32 W hi-fi audio power amplifier
Features
High output power
(50 W music power IEC 268.3 rules)
High operating supply voltage (50 V)
Single or split supply operations
Very low distortion
Short-circuit protection (OUT to GND)
Thermal shutdown
Description
The TDA 2050 is a monolithic integrated circuit in
a Pentawatt package, intended for use as an
audio class-AB audio amplifier.
Thanks to its high power capability the TDA2050
is able to provide up to 35 W true RMS power into
a 4 ohm load at THD = 0%, VS = ±18 V, f = 1 kHz
and up to 32 W into an 8 ohm load at THD = 10%,
VS = ±22 V, f = 1 kHz.
Moreover, the TDA2050 delivers typically 50 W
music power into a 4 ohm load over 1 sec at
VS = 22.5 V, f = 1 kHz.
The high power and very low harmonic and
crossover distortion (THD = 0.05% typ, at
VS = ±22 V, PO = 0.1 to 15 W, RL= 8 ohm,
f = 100 Hz to 15 kHz) make the device most
suitable for both hi-fi and high-end TV sets.
Figure 1.
Test and application circuit
Table 1.
Device summary
Order code
Package
TDA2050V
Pentawatt vertical
Pentawatt V
www.st.com


Similar Part No. - TDA2050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
TDA2050 UTC-TDA2050 Datasheet
196Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
TDA2050-TB5-T UTC-TDA2050-TB5-T Datasheet
261Kb / 7P
32W HI-FI AUDIO POWER AMPLIFIER
More results

Similar Description - TDA2050

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1521 PHILIPS-TDA1521 Datasheet
150Kb / 14P
2 x 12 W hi-fi audio power amplifier
July 1994
TDA1521A PHILIPS-TDA1521A Datasheet
126Kb / 15P
2 x 6 W hi-fi audio power amplifier
July 1994
TDA2613 PHILIPS-TDA2613 Datasheet
69Kb / 11P
6 W hi-fi audio power amplifier
July 1994
TDA2614 PHILIPS-TDA2614 Datasheet
64Kb / 10P
6 W hi-fi audio power amplifier
July 1994
TDA2615 PHILIPS-TDA2615 Datasheet
68Kb / 12P
2 x 6 W hi-fi audio power amplifier
1995 May 08
logo
STMicroelectronics
TDA2050 STMICROELECTRONICS-TDA2050 Datasheet
185Kb / 13P
32W Hi-Fi AUDIO POWER AMPLIFIER
Mar-1995
logo
List of Unclassifed Man...
TDA1512 ETC-TDA1512 Datasheet
214Kb / 6P
12 TO 20 W HI FI AUDIO POWER AMPLIFIER
logo
Wuxi Youda electronics ...
YD1008 YOUDA-YD1008 Datasheet
110Kb / 4P
22W HI-FI AUDIO POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2050 TGS-TDA2050 Datasheet
196Kb / 6P
32W Hi-Fi AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_05 Datasheet
321Kb / 17P
14 W hi-fi audio amplifier
21-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com