Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF06-MSD02C3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # EMIF06-MSD02C3
Description  Mini and micro-SD card IPAD??EMI filtering and ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD02C3 Datasheet(HTML) 3 Page - STMicroelectronics

  EMIF06-MSD02C3 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EMIF06-mSD02C3
Characteristics
Doc ID 16910 Rev 1
3/11
Table 3.
Electrical characteristic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
14
16
V
IRM
VRM = 3 V
0.1
µA
R1, R2, R3, R4, R5, R6
Tolerance ± 20 %
40
Ω
R10, R11, R12, R13
Tolerance ± 30 %
56
k
Ω
R9
Tolerance ± 30 %
4.7
k
Ω
Cline
V = 0 V, F = 1 MHz, VOSC = 30 mV
15
20
pF
Figure 3.
S21 attenuation measurements
Figure 4.
Analog crosstalk measurements
100.0k
1.0M
10.0M
100.0M
1.0G
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
DATA0
DATA1
DATA2
DATA3/CD
CMD
Clk
V
BIAS=0 V
dB
F (Hz)
100.0k
1.0M
10.0M
100.0M
1.0G
-80.00
-70.00
-60.00
-50.00
-40.00
-30.00
-20.00
-10.00
0.00
DATA0-SDDATA1
DATA0-SDDATA3
V
BIAS=0 V
dB
F (Hz)
Figure 5.
ESD response to IEC 61000-4-2
(+15 kV air discharge) on CLK and
data lines
Figure 6.
ESD response to IEC 61000-4-2
(-15 kV air discharge) on CLK and
data lines
Input
Output
20 V/div
5 V/div
100 ns/div
Input
Output
20 V/div
10 V/div
100 ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com