Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EMIF06-MSD02C3 Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF06-MSD02C3
Description  Mini and micro-SD card IPAD??EMI filtering and ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD02C3 Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF06-MSD02C3 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD02C3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EMIF06-mSD02C3
Characteristics
Doc ID 16910 Rev 1
5/11
Figure 11.
Step response test setup
Figure 12.
Step response without the filter
Figure 13.
Step response with the filter
•T
AMB=25 °C
LeCroy WavePro 7300A
3 GHz – 20 Gs/s Oscilloscope
Input Line “A”
Agilent pulse pattern
generator 81110A
V
OUT=3 V
t
R=tF=2 ns
(values set in open)
F=8.3 MHz
Voltage probe LeCroy
HFP1000
(100 k
Ω - 0.7 pF)
Output Line “A”
Notes:
- Voltage amplitude set to 3V
- Total capacitance load 15 pF
(5 pF for PCB parasitic capacitance and voltage probe capacitance, 10 pF for Sdcard)
C
LOAD =15 pF
SDDatax/CMD/Clk
C
= 15 pF
F = 52 MHz
V = 3 V
LOAD
1 V/div
5 ns/div
rise@lv = 885 ps, fall@lv = 886 ps
20% - 70% (SD standard)
SDDatax/CMD/Clk
C
= 15 pF
F = 52 MHz
V = 3 V
LOAD
1 V/div
5 ns/div
rise@lv = 1.705 ns, fall@lv = 2.426 ns
20% - 70% (SD standard)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com