Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-SPBT2ATV3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-SPBT2ATV3
Description  USB dongle for the Bluetooth® class 2 SPBT2532C2.AT2 module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPBT2ATV3 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-SPBT2ATV3 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 4Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 5Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 6Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 7Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Recommended operating conditions
STEVAL-SPBT2ATV3
2/8
Doc ID 023242 Rev 2
1
Recommended operating conditions
2
I/O connections
2.1
PAD description
Other than the USB plug, some pads are also available. In fact TP1 and TP2 pads make the
SPBT2532C2.AT2 pins available to the user.
Figure 1.
Available pads
Table 2 lists the meaning of these pads.
Table 1.
Recommended operating conditions
Symbol
Parameter
Conditions
Min.
Typ
Max
Unit
VDD
Board supply voltage
-40 °C < T < 85 °C
4
5
6
V
Top
Operating case temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com