Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STEVAL-SPBT2ATV3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-SPBT2ATV3
Description  USB dongle for the Bluetooth® class 2 SPBT2532C2.AT2 module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-SPBT2ATV3 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-SPBT2ATV3 Datasheet HTML 1Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 2Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 3Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 4Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 5Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 6Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 7Page - STMicroelectronics STEVAL-SPBT2ATV3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STEVAL-SPBT2ATV3
I/O connections
Doc ID 023242 Rev 2
3/8
2.2
Reset switch
A reset switch SW1 is present on the dongle. When SW1 is pushed SPBT2532C2.AT is
forced to reset.
The following prompt is displayed on the screen:
●
AT-AB - command mode
●
AT-AB BDAddress xxxxxxxxxxxx
Table 2.
Pad connections
Pads
Description
TP
1
Reset - connected in parallel to onboard reset switch
2
SPBT2532C2.AT2 supply voltage
3
Boot pin - used for firmware downloading - used for testing purposes
4
GPIO01 - general purpose I/O – LED5 is connected to this pin
5
GPIO02 - general purpose I/O – LED4 is connected to this pin
6
GPIO03 - general purpose I/O – LED3 is connected to this pin
7
GPIO04 - general purpose I/O – LED2 is connected to this pin
8GND
9GND
10
USB + (5 V)
11
GND
12
Used for testing purposes
13
Used for testing purposes
14
Used for testing purposes
15
Used for testing purposes
16
Used for testing purposes
17
Used for testing purposes
18
3.3 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com