Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STI5189 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STI5189
Description  Low-cost QPSK demodulator and MPEG2 decoder for set-top box applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5189 Datasheet(HTML) 2 Page - STMicroelectronics

  STI5189 Datasheet HTML 1Page - STMicroelectronics STI5189 Datasheet HTML 2Page - STMicroelectronics STI5189 Datasheet HTML 3Page - STMicroelectronics STI5189 Datasheet HTML 4Page - STMicroelectronics STI5189 Datasheet HTML 5Page - STMicroelectronics STI5189 Datasheet HTML 6Page - STMicroelectronics STI5189 Datasheet HTML 7Page - STMicroelectronics STI5189 Datasheet HTML 8Page - STMicroelectronics STI5189 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Introduction
STi5189
2/9
Doc ID 15458 Rev 3
1
Introduction
The STi5189 uses state of the art process technology to provide an ultra low cost, full
featured, SD set-top box SOC. It is a highly integrated solution combining QPSK
(Quadrature Phase Shift Keying) demodulation, audio/video decoding and applications
processing into a single chip, suitable for MPEG2 based satellite networks worldwide.
The STi5189 provides a solution for operators to specify a range of low cost SD STBs
including low cost Zappers, Interactive STBs and DVR-capable STBs, with content delivery
using broadcast or broadband networks, or both (Hybrid STBs).
The STi5189 is optimized for secure Pay-TV applications with integrated DVB, DES, Multi2
and ICAM descramblers and smartcard interfaces. It also has advanced security features
normally found in mid-to-high end devices to further safeguard operator and content
investment.
The STi5189 offers enhancements in performance, features and integration to current users
of ST’s MPEG2 SD family of audio/video decoders and QPSK demodulators, whilst
reducing cost and time-to-market for the next generation of deployments. Few external
components are required to realize a complete STB solution, resulting in very low BOM
cost.
Features
Benefits
Combines a configurable DVB-S QPSK
demodulator with STB decoding and display
functions
This highly integrated SoC helps to reduce board
area and manufacturing cost, allowing low-cost,
small size STBs to be designed for DVB-S
networks
ST40-300 applications CPU @350MHz,
32K I cache, 32K D cache
Up to 580 DMIPs superscalar performance from a
single CPU core, using standard tools and
operating systems (Linux, OS21)
STMicroelectronics' Delta video decoding
system with Blitter display
Allows dual SD decoding of MPEG2 video with PIP
capability
Integrated USB 2.0 host,
Ethernet MAC with MII/RMII,
Enables connectivity to HDD for PVR systems and
to Ethernet networks for IP TV and hybrid/IP STBs
Low power process, design and architecture
Low operating power consumption (<1W).
Best in class, low power standby mode (0.1W).
Fast resume from standby.
Available in 15x15 package with ballout
optimized for 2-layer PCBs
Reduced board manufacturing costs and board
size
Support for Serial Flash including secure boot.
Allows low cost BOM, and safeguards boot code
integrity



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com