Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STI5189 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STI5189
Description  Low-cost QPSK demodulator and MPEG2 decoder for set-top box applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5189 Datasheet(HTML) 5 Page - STMicroelectronics

  STI5189 Datasheet HTML 1Page - STMicroelectronics STI5189 Datasheet HTML 2Page - STMicroelectronics STI5189 Datasheet HTML 3Page - STMicroelectronics STI5189 Datasheet HTML 4Page - STMicroelectronics STI5189 Datasheet HTML 5Page - STMicroelectronics STI5189 Datasheet HTML 6Page - STMicroelectronics STI5189 Datasheet HTML 7Page - STMicroelectronics STI5189 Datasheet HTML 8Page - STMicroelectronics STI5189 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
STi5189
Introduction
Doc ID 15458 Rev 3
5/9
●
Advanced security
–
Secure control words
–
Code authentication
–
JTAG interface locking
–
DVR copy protection
●
On chip 1V (nominal) voltage regulator
●
Two package options
–
23 mm x 23 mm. Full specification
–
15 mm x 15 mm. No EMI. Boot from serial Flash only
1.2
Package options
The STi5189 is available in two package options, 15 mm x 15 mm LFBGA, 0.8 mm pitch
and 23 mm x 23 mm PBGA, 0.8 mm pitch. Both package types are compatible with the
design of two-layer PCBs.
15 mm x 15 mm PBGA, 0.8 mm pitch
This is the main stream, low cost option which does not include the EMI interface. Both
Ethernet and USB 2.0 interfaces are still available. For this option the Flash used must be
Serial NOR Flash attached to the High Speed SPI interface.
23 mm x 23 mm PBGA, 0.8 mm pitch
This option should be selected if a full specification device is required, which includes the
EMI. Any Flash type (Serial NOR, Parallel NOR, NAND) can be used with this package. The
following features are available with this package option:
●
All the features as in the BGA15 mm x 15 mm package
●
DVB-CI support
●
NAND Flash storage
●
EMI interfaces available, Secure Boot from any Flash (Serial, NAND or NOR)
●
HDD attachment via EIDE
With this package, DVB-CI and Ethernet are mutually exclusive options.
Table 1.
Comparison table
Features
BGA 15 mm x15mm
(Low-cost option)
BGA 23 mm x 23 mm
(Full specification option)
External memory
interface
No EMI, secure boot from Serial
Flash
EMI supporting Serial Flash, Parallel
NOR, NAND, secure boot from any
Connectivity
USB 2.0, Ethernet (MII/RMII)
USB 2.0, Ethernet (MII/RMII),
Atapi HDD
DVB-CI support
No
Yes
Transport streams
Parallel/serial TS in,
TS out(1)
Parallel/serial TS in,
TS out(2)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com