Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F205RB Datasheet(PDF) 166 Page - STMicroelectronics

Part # STM32F205RB
Description  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205RB Datasheet(HTML) 166 Page - STMicroelectronics

Back Button STM32F205RB Datasheet HTML 162Page - STMicroelectronics STM32F205RB Datasheet HTML 163Page - STMicroelectronics STM32F205RB Datasheet HTML 164Page - STMicroelectronics STM32F205RB Datasheet HTML 165Page - STMicroelectronics STM32F205RB Datasheet HTML 166Page - STMicroelectronics STM32F205RB Datasheet HTML 167Page - STMicroelectronics STM32F205RB Datasheet HTML 168Page - STMicroelectronics STM32F205RB Datasheet HTML 169Page - STMicroelectronics STM32F205RB Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 177 page
background image
Revision history
STM32F20xxx
166/177
Doc ID 15818 Rev 9
8
Revision history
Table 94.
Document revision history
Date
Revision
Changes
05-Jun-2009
1
Initial release.
09-Oct-2009
2
Document status promoted from Target specification to Preliminary
data.
In Table 6: STM32F20x pin and ball definitions:
– Note 4 updated
–VDD_SA and VDD_3 pins inverted (Figure 10: STM32F20x LQFP100
pinout, Figure 11: STM32F20x LQFP144 pinout and Figure 12:
STM32F20x LQFP176 pinout corrected accordingly).
Section 6.1: Package mechanical data changed to LQFP with no
exposed pad.
01-Feb-2010
3
LFBGA144 package removed. STM32F203xx part numbers removed.
Part numbers with 128 and 256 Kbyte Flash densities added.
Encryption features removed.
PC13-TAMPER-RTC renamed to PC13-RTC_AF1 and PI8-TAMPER-
RTC renamed to PI8-RTC_AF2.
13-Jul-2010
4
Renamed high-speed SRAM, system SRAM.
Removed combination: 128 KBytes Flash memory in LQFP144.
Added UFBGA176 package. Added note 1 related to LQFP176
package in Table 2, Figure 12, and Table 92.
Added information on ART accelerator and audio PLL (PLLI2S).
Added Table 5: USART feature comparison.
Several updates on Table 6: STM32F20x pin and ball definitions and
Table 8: Alternate function mapping. ADC, DAC, oscillator, RTC_AF,
WKUP and VBUS signals removed from alternate functions and
moved to the “other functions” column in Table 6: STM32F20x pin and
ball definitions.
TRACESWO added in Figure 4: STM32F20x block diagram, Table 6:
STM32F20x pin and ball definitions, and Table 8: Alternate function
mapping.
XTAL oscillator frequency updated on cover page, in Figure 4:
STM32F20x block diagram and in Section 2.2.11: External
interrupt/event controller (EXTI).
Updated list of peripherals used for boot mode in Section 2.2.13: Boot
modes.
Added Regulator bypass mode in Section 2.2.16: Voltage regulator,
and Section 5.3.4: Operating conditions at power-up / power-down
(regulator OFF).
Updated Section 2.2.17: Real-time clock (RTC), backup SRAM and
backup registers.
Added Note Note: in Section 2.2.18: Low-power modes.
Added SPI TI protocol in Section 2.2.23: Serial peripheral interface
(SPI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com